Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6014 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT6014
Description  312 Series of Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6014 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT6014 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Address/Data Waveform
Each programmable address/data pin can be externally set to one of the following three logic states:
The
²Open² state data input is interpreted as logic high by the decoder since its output has only two states.
Address/Data Programming (Preset)
The status of each address/data pin can be individually preset to a logic
²high², ²low²,or ²floating². If a transmission en-
able signal is applied, the encoder scans and transmits the status of the 12 bits of address/data serially in the order A0
to AD11 for the HT6010 and A0 to D11 for the HT6012/HT6014.
If the trigger signal is not applied, the chip only consumes a standby current which is less than 1
mA (for VDD=5V).
The address pins are usually preset so as to transmit data codes with their own particular security codes by the DIP switches
or PCB wiring, while data is selected using push button or electronic switches.
Address/Data Sequence
The following table provides the position of the address/data sequence for various models of the 3
12 series encoders.
Part No.
Address/Data Bits
0123456789
10
11
HT6010
A0
A1
A2
A3
A4
A5
A6
A7
AD8
AD9
AD10
AD11
HT6012
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
D10
D11
HT6014
A0
A1
A2
A3
A4
A5
A6
A7
D8
D9
D10
D11
Transmission Enable
For the TE trigger type of encoders, transmission is enabled by applying a low signal to the TE pin. But for the Data trig-
ger type, it is enabled by applying a low signal to one of the data pins D8~D11.
HT6010/HT6012/HT6014
Rev. 1.20
6
September 9, 2003
" O n e "
" Z e r o "
f O S C
" O p e n "
A d d r e s s / D a t a B i t
Address/Data Bit Waveform


Similar Part No. - HT6014

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6014 HOLTEK-HT6014 Datasheet
121Kb / 11P
   312 Series of Encoders
More results

Similar Description - HT6014

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
   312 Series of Encoders
HT12A HOLTEK-HT12A Datasheet
141Kb / 13P
   Series of Encoders
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
   312 Series of Decoders
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
   212 Series of Encoders
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
   318 Series of Encoders
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
   318 Series of Encoders
HT640 HOLTEK-HT640 Datasheet
155Kb / 12P
   3(18) Series of Encoders
logo
KODENSHI_AUK CORP.
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
   ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
   ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
   ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com