Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC590ADRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC590ADRG4
Description  8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC590ADRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC590ADRG4 Datasheet HTML 5Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 6Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 7Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 8Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 9Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 10Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 11Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 12Page - Texas Instruments SN74HC590ADRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SN54HC590A, SN74HC590A
8BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS039F − DECEMBER 1982 − REVISED SEPTEMBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54HC590A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
100
300
447
tpd
RCLK
Q
4.5 V
24
60
90
ns
tpd
RCLK
Q
6 V
20
51
77
ns
2 V
90
200
300
ten
OE
Q
4.5 V
23
40
60
ns
ten
OE
Q
6 V
19
34
51
ns
2 V
45
210
315
tt*
Q
4.5 V
17
42
63
ns
tt
Q
6 V
13
36
53
ns
* This parameter is not production tested for the SN54HC590A.
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN74HC590A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
100
300
380
tpd
RCLK
Q
4.5 V
24
60
76
ns
tpd
RCLK
Q
6 V
20
51
65
ns
2 V
90
200
250
ten
OE
Q
4.5 V
23
40
50
ns
ten
OE
Q
6 V
19
34
43
ns
2 V
45
210
265
tt
Q
4.5 V
17
42
53
ns
tt
Q
6 V
13
36
45
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
250
pF


Similar Part No. - SN74HC590ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC590ADR TI-SN74HC590ADR Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADR TI-SN74HC590ADR Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC590ADRE4 TI-SN74HC590ADRE4 Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74HC590ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI1-SN74LV8154_15 Datasheet
361Kb / 20P
[Old version datasheet]   Dual 16-Bit Binary Counters With 3-State Output Registers
SN74LV8154 TI-SN74LV8154_09 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
SN54LS590 TI1-SN54LS590_16 Datasheet
894Kb / 16P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com