Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ102SE3045 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BUZ102SE3045
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ102SE3045 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BUZ102SE3045 Datasheet HTML 1Page - Infineon Technologies AG BUZ102SE3045 Datasheet HTML 2Page - Infineon Technologies AG BUZ102SE3045 Datasheet HTML 3Page - Infineon Technologies AG BUZ102SE3045 Datasheet HTML 4Page - Infineon Technologies AG BUZ102SE3045 Datasheet HTML 5Page - Infineon Technologies AG BUZ102SE3045 Datasheet HTML 6Page - Infineon Technologies AG BUZ102SE3045 Datasheet HTML 7Page - Infineon Technologies AG BUZ102SE3045 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BUZ 102S
Data Book
4
05.99
Electrical Characteristics, at
Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Gate to source charge
VDD = 40 V, ID = 52 A
12
nC
8
Qgs
-
-
23
Qgd
Gate to drain charge
VDD = 40 V, ID = 52 A
34.5
Gate charge total
VDD = 40 V, ID = 52 A, VGS = 0 to 10 V
-
45
70
Qg
Gate plateau voltage
VDD = 40 V, ID = 52 A
V(plateau)
5.9
-
V
-
Reverse Diode
Inverse diode continuous forward current
TC = 25 ˚C
IS
-
-
52
A
Inverse diode direct current,pulsed
TC = 25 ˚C
ISM
-
-
208
Inverse diode forward voltage
VGS = 0 V, IF = 104 A
VSD
-
1.2
V
1.7
Reverse recovery time
VR = 30 V, IF=IS , diF/dt = 100 A/µs
trr
-
70
ns
105
Reverse recovery charge
VR = 30 V, IF=lS , diF/dt = 100 A/µs
Qrr
-
µC
0.15
0.25


Similar Part No. - BUZ102SE3045

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

Similar Description - BUZ102SE3045

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com