Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R03 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R03
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R03 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
ADC Conversion Error
¾
8, 9 bit ADC
¾±0.5
±1
LSB
DNL
ADC Differential Non-linear
¾
12 bit ADC, tAD=1
ms
¾¾
±2
LSB
INL
ADC Integral Non-linear
¾
12 bit ADC, tAD=1
ms
¾±2.5
±4
LSB
IADC
ADC Power Consumption
3V
No load, tAD=1
ms
¾
0.5
1
mA
5V
¾
1.5
3
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC, RC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
¾
4.5V~5.5V
400
¾
12000
kHz
fSYS2
System Clock
(Internal RC OSC)
(
±5%)
4.5V~
5.5V
12MHz, Ta=25
°C
11400 12000 12600
kHz
3.3V~
5.5V
8MHz, Ta=25
°C
7600
8000
8400
kHz
2.7V~
5.5V
4MHz, Ta=25
°C
3800
4000
4200
kHz
fSYS3
System Clock (32768 Crystal)
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency (TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
¾
4.5V~5.5V
0
¾
12000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from Power Down
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
VPOR
VDD Start Voltage to Ensure
Power-on Reset
¾¾
¾
¾
100
mV
RPOR
VDD Rise Time to Ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
tAD
ADC Clock Period
¾¾
1
¾¾
ms
tADC
ADC Conversion Time
¾
8 bit ADC
¾
64
¾
tAD
9 bit ADC
¾
76
¾
tAD
12 bit ADC
¾
80
¾
tAD
tADS
ADC Sampling Time
¾¾
¾
32
¾
tAD
Note: tSYS=1/fSYS1, 1/fSYS2 or 1/fSYS3
HT46R01/HT46R02/HT46R03
Rev. 1.00
5
September 21, 2007


Similar Part No. - HT46R03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Similar Description - HT46R03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R01 HOLTEK-HT48R01 Datasheet
313Kb / 38P
   10-Pin MSOP I/O Type 8-Bit OTP MCU
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com