Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R53A Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R53A
Description  A/D Type 8-Bit OTP MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R53A Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R53A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R53A Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
HT46R53A/HT46R54A
Rev. 1.00
6
August 24, 2006
Functional Description
Execution Flow
The system clock for the microcontroller is derived from
either a crystal or an RC oscillator. The system clock is
internally divided into four non-overlapping clocks. One
instruction cycle consists of 4 system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch and decoding takes an instruction cy-
cle while execution take the next instruction cycle. The
pipelining scheme causes each instruction to effectively
execute in a cycle. If an instruction changes the program
counter, two cycles are required to complete the instruc-
tion.
Program Counter
- PC
For HT46R53A, the program counter (PC) is 11 bits
wide and controls the sequence in which the instructions
stored in the program ROM are executed. The contents
of the PC can specify a maximum of 2048 addresses.
For HT46R54A, the program counter (PC) is 12 bits
wide and controls the sequence in which the instructions
stored in the program ROM are executed. The contents
of the PC can specify a maximum of 4096 addresses.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading register, subroutine call or return from
subroutine, initial reset, internal interrupt, external inter-
rupt or return from interrupts, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get the proper instruction.
Otherwise proceed to the next instruction.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow
Mode
Program Counter
*b11 *b10
*b9
*b8
*b7
*b6
*b5
*b4
*b3
*b2
*b1
*b0
Initial Reset
000000000000
External Interrupt
000000000100
Timer/Event Counter Overflow
000000001000
A/D Converter Interrupt
000000001100
Skip
Program Counter+2
Loading PCL
PC11 PC10 PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*b11~*b0: Program counter bits
S11~S0: Stack register bits
#11~#0: Instruction code bits
@7~@0: PCL bits, PC11~PC8: Original PC counter, remain unchanged
For the HT46R53A, the program counter is 11 bits wide (b0~b10), the b11 column in the table are not applica-
ble.


Similar Part No. - HT46R53A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R53A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com