Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LV27A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54LV27A
Description  TRIPLE 3-INPUT POSITIVE-NOR GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV27A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LV27A Datasheet HTML 1Page - Texas Instruments SN54LV27A Datasheet HTML 2Page - Texas Instruments SN54LV27A Datasheet HTML 3Page - Texas Instruments SN54LV27A Datasheet HTML 4Page - Texas Instruments SN54LV27A Datasheet HTML 5Page - Texas Instruments SN54LV27A Datasheet HTML 6Page - Texas Instruments SN54LV27A Datasheet HTML 7Page - Texas Instruments SN54LV27A Datasheet HTML 8Page - Texas Instruments SN54LV27A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54LV27A, SN74LV27A
TRIPLE 3INPUT POSITIVENOR GATE
SCES341E − SEPTEMBER 2000 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 7 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
These triple 3-input positive-NOR gates are
designed for 2-V to 5.5-V VCC operation.
The ’LV27A devices perform the Boolean function
Y = A + B + C or Y = A
• B • C in positive logic.
These
devices
are
fully
specified
for
partial-power-down applications using Ioff. The Ioff
circuitry
disables
the
outputs,
preventing
damaging current backflow through the devices
when they are powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 50
SN74LV27AD
LV27A
SOIC − D
Reel of 2500
SN74LV27ADR
LV27A
SOP − NS
Reel of 2000
SN74LV27ANSR
74LV27A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV27ADBR
LV27A
−40
°C to 85°C
Tube of 90
SN74LV27APW
TSSOP − PW
Reel of 2000
SN74LV27APWR
LV27A
TSSOP − PW
Reel of 250
SN74LV27APWT
LV27A
TVSOP − DGV
Reel of 2000
SN74LV27ADGVR
LV27A
CDIP − J
Tube of 25
SNJ54LV27AJ
SNJ54LV27AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV27AW
SNJ54LV27AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV27AFK
SNJ54LV27AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
SN54LV27A ...FK PACKAGE
(TOP VIEW)
SN54LV27A ...J OR W PACKAGE
SN74LV27A ... D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN54LV27A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV27A TI-SN54LV27A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3 INPUT POSITIVE NOR GATE
SN54LV27A TI-SN54LV27A Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN54LV27A TI-SN54LV27A Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN54LV27A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV27A TI-SN54LV27A_08 Datasheet
504Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATE
SN74LV27A TI-SN74LV27A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3 INPUT POSITIVE NOR GATE
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com