Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R54A Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46R54A
Description  A/D Type 8-Bit OTP MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R54A Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46R54A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R54A Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
HT46R53A/HT46R54A
Rev. 1.00
11
August 24, 2006
The A/D converter interrupt is initialized by setting the
A/D converter request flag (ADF; bit 6 of the INTC),
caused by an end of A/D conversion. When the interrupt
is enabled, the stack is not full and the ADF is set, a sub-
routine call to location
²0CH² will occur. The related in-
terrupt request flag (ADF) will be reset and the EMI bit
cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an in-
terrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter Overflow
2
08H
A/D Converter Interrupt
3
0CH
EMI, EEI, ETI, and EADI are used to control the en-
abling/disabling of interrupts. These bits prevent the re-
quested interrupt from being serviced. Once the
interrupt request flags (TF, EIF, and ADF) are set, they
will remain in the INTC register until the interrupts are
serviced or cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. In-
terrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications.
If only one stack is left and enabling the interrupt is not
well controlled, the original control sequence will be dam-
aged once the
²CALL² operates in the interrupt subrou-
tine.
Oscillator Configuration
There are two oscillator circuits in the microcontroller.
Both of them are designed for system clocks, namely
the external RC oscillator and the external Crystal oscil-
lator, which are determined by options. No matter what
oscillator type is selected, the signal provides the sys-
tem clock. The HALT mode stops the system oscillator
and ignores an external signal to conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS is required and the resistance must
range from 30k
W to 750kW. The system clock, divided
by 4, is available on OSC2 with pull-high resistor, which
can be used to synchronize external logic. The RC os-
cillator provides the most cost effective solution. How-
ever, the frequency of oscillation may vary with VDD,
temperatures and the chip itself due to process varia-
tions. It is therefore not suitable for timing sensitive op-
erations where an accurate oscillator frequency is
desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are required. Instead of a crystal, a resona-
tor can also be connected between OSC1 and OSC2 to
get a frequency reference, but two external capacitors in
OSC1 and OSC2 are required (If the oscillator can be
disabled by options to conserve power).
The WDT oscillator is a free running on-chip RC oscillator,
and no external components are required. Even if the sys-
tem enters the power down mode, the system clock is
stopped, but the WDT oscillator still works with a period of
approximately 65
ms at 5V. The WDT oscillator can be dis-
abled by option to conserve power.
Watchdog Timer
- WDT
The clock source of the WDT is implemented by a dedi-
cated RC oscillator (WDT oscillator) or instruction clock
(system clock divided by 4) decided by options. This
timer is designed to prevent a software mal-function or
sequence jumping to an unknown location with unpre-
dictable results. The watchdog timer can be disabled by
an option. If the watchdog timer is disabled, all the exe-
cutions related to the WDT result in no operation.
The WDT clock (fS) is further divided by an internal
counter to give longer watchdog time-outs. In the case
of HT46R53A/Ht46R54A devices, the division ratio can
be varied by selecting different configuration options to
give 2
12 to 215 division ratio range.
Once an internal WDT oscillator (RC oscillator with pe-
riod of 65
ms normally) is selected, it is divided by 216 to
get the time-out period of approximately 4.3s. This
time-out period may vary with temperature, VDD and
process variations.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the HALT state the WDT may stop
counting and lose its protecting purpose. In this situation
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 2
O S C 1
O S C 1
O S C 2
f S Y S / 4
4 7 0 p F
V D D
System Oscillator


Similar Part No. - HT46R54A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R54 HOLTEK-HT46R54 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R54A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com