Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC161284 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC161284
Description  19-BIT BUS INTERFACE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC161284 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC161284 Datasheet HTML 4Page - Texas Instruments SN74LVC161284 Datasheet HTML 5Page - Texas Instruments SN74LVC161284 Datasheet HTML 6Page - Texas Instruments SN74LVC161284 Datasheet HTML 7Page - Texas Instruments SN74LVC161284 Datasheet HTML 8Page - Texas Instruments SN74LVC161284 Datasheet HTML 9Page - Texas Instruments SN74LVC161284 Datasheet HTML 10Page - Texas Instruments SN74LVC161284 Datasheet HTML 11Page - Texas Instruments SN74LVC161284 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74LVC161284
19BIT BUS INTERFACE
SCAS583J − NOVEMBER 1996 − REVISED FEBRUARY 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input
(see Note D)
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
VCC × 2 V
Open
GND
500
500
Output
Control
Output
Waveform 1
S1 at VCC × 2 V
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.4 V
1.4 V
3 V
0 V
1.4 V
VOL + 0.3 V
1.4 V
VOH − 0.3 V
0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VCC × 2 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Input rise and fall times are 3 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. Input rise and fall times are 3 ns. Pulse duration is 150 ns < tw < 10 µs.
E. The outputs are measured one at a time, with one transition per measurement.
tPHL
tPLH
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (B to A)
2.7 V
VOH
VOL
0 V
1.4 V
50% VCC
Input
(see Note B)
Output
1.4 V
50% VCC
B-TO-A LOAD (Totem Pole)
tPHL
tPLH
From
B or Y Output
Under Test
A-TO-B LOAD OR A-TO-Y LOAD (Totem Pole)
VOLTAGE WAVEFORMS MEASURED AT TP1
PROPAGATION DELAY TIMES (A to B)
2.7 V
VOH
VOL
0 V
500
CL = 50 pF
(see Note A)
TP1
VCC
CL = 50 pF
(see Note A)
Sink Load
Source Load
1.4 V
VOH − 1.4 V
500
tPHL
tPLH
Output
1.4 V
VOL + 1.4 V
tw
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVC161284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC161284 TI-SN74LVC161284 Datasheet
206Kb / 12P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LVC161284DGGR TI-SN74LVC161284DGGR Datasheet
206Kb / 12P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LVC161284DL TI-SN74LVC161284DL Datasheet
206Kb / 12P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LVC161284DLR TI-SN74LVC161284DLR Datasheet
206Kb / 12P
[Old version datasheet]   19-BIT BUS INTERFACE
More results

Similar Description - SN74LVC161284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC161284 TI-SN74LVC161284 Datasheet
206Kb / 12P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284 TI-SN74LV161284 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284 TI-SN74LV161284_07 Datasheet
329Kb / 13P
[Old version datasheet]   19-BIT BUS INTERFACE
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com