Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN2470 Datasheet(PDF) 1 Page - Supertex, Inc

Part # DN2470
Description  N-Channel Depletion-Mode Vertical DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2470 Datasheet(HTML) 1 Page - Supertex, Inc

  DN2470_07 Datasheet HTML 1Page - Supertex, Inc DN2470_07 Datasheet HTML 2Page - Supertex, Inc DN2470_07 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DN2470
Features
High input impedance
Low input capacitance
Fast switching speeds
Low on resistance
Free from secondary breakdown
Low input and output leakage
Applications
Normally-on switches
Solid state relays
Converters
Linear amplifiers
Constant current sources
Battery operated systems
Telecom
General Description
The DN2470 is a low threshold depletion-mode (normally-on)
transistor utilizing an advanced vertical DMOS structure and
Supertex’s well-proven silicon-gate manufacturing process.
This combination produces a device with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures, this
device is free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FET is ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching speeds
are desired.
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSX
Drain-to-gate voltage
BV
DGX
Gate-to-source voltage
±20V
Operating and storage
temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
*Distance of 1.6mm from case for 10 seconds.
Ordering Information
BV
DSX/BVDGX
R
DS(ON) (max)
I
DSS(min)
Package Options
TO-252 (D-PAK)
700V
42Ω
500mA
DN2470K4-G
N-Channel Depletion-Mode Vertical DMOS FET
Package Option
TO-252 (D-PAK)
(top view)
Drain
Gate
Source


Similar Part No. - DN2470_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2470K4-G SUTEX-DN2470K4-G Datasheet
134Kb / 2P
   N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
logo
Microchip Technology
DN2470K4-G MICROCHIP-DN2470K4-G Datasheet
337Kb / 11P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
More results

Similar Description - DN2470_07

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
DN2470 SUTEX-DN2470 Datasheet
134Kb / 2P
   N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
DN3765 SUTEX-DN3765_13 Datasheet
568Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN3525 MICROCHIP-DN3525 Datasheet
451Kb / 14P
   N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
DN1590 SUTEX-DN1590 Datasheet
363Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
DN3545 SUTEX-DN3545_07 Datasheet
484Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2470 MICROCHIP-DN2470 Datasheet
337Kb / 11P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com