Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5407 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SM5407
Description  Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SM5407 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SM5407 Datasheet HTML 1Page - Diotec Semiconductor SM5407 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5400 ... SM5408
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 3 A
VF
< 1.2 V
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 10 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 33 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 8 K/W
1
Mounted on P.C. board with 60 mm2 copper pads at each terminals
Montage auf Leiterplatte mit 60 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
100a-(3a-1.2v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3


Similar Part No. - SM5407

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM5407 DIOTEC-SM5407 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM5407 SEMIKRON-SM5407 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
logo
PACELEADER INDUSTRIAL
SM5407 PACELEADER-SM5407 Datasheet
226Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
SM5407 LUGUANG-SM5407 Datasheet
150Kb / 2P
   Surface Mount Rectifiers
logo
Diotec Semiconductor
SM5407 DIOTEC-SM5407 Datasheet
152Kb / 2P
   Standard Recovery SMD Rectifier Diodes
More results

Similar Description - SM5407

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM4001Q DIOTEC-SM4001Q_15 Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
SM4001Q DIOTEC-SM4001Q_08 Datasheet
129Kb / 2P
   Surface Mount Si-Rectifiers
S3A DIOTEC-S3A_07 Datasheet
107Kb / 2P
   Surface Mount Si-Rectifiers
S1A DIOTEC-S1A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S2A DIOTEC-S2A Datasheet
165Kb / 2P
   Surface Mount Si-Rectifiers
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
GL1A DIOTEC-GL1A Datasheet
157Kb / 2P
   Surface Mount Si-Rectifiers
S5A DIOTEC-S5A Datasheet
107Kb / 2P
   Surface Mount Si-Rectifiers
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
   Surface Mount Si-Rectifiers
SM4001 DIOTEC-SM4001 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com