Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV214FG Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV214FG
Description  250V Low Charge Injection 8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV214FG Datasheet(HTML) 4 Page - Supertex, Inc

  HV214FG Datasheet HTML 1Page - Supertex, Inc HV214FG Datasheet HTML 2Page - Supertex, Inc HV214FG Datasheet HTML 3Page - Supertex, Inc HV214FG Datasheet HTML 4Page - Supertex, Inc HV214FG Datasheet HTML 5Page - Supertex, Inc HV214FG Datasheet HTML 6Page - Supertex, Inc HV214FG Datasheet HTML 7Page - Supertex, Inc HV214FG Datasheet HTML 8Page - Supertex, Inc HV214FG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HV214
AC Electrical Characteristics (V
DD = 5.0V, TA = 25
OC,over recommended operating conditions unless otherwise noted)
Sym
Parameter
Min
Typ
Max
Units
Conditions
t
SD
Set-up time before LE rises
150
-
-
ns
---
t
WLE
Time width of LE
150
-
-
ns
---
t
DO
Clock delay time to data out
-
-
150
ns
---
t
WCL
Time width of CL
150
-
-
ns
---
t
SU
Set-up time data to clock
15
8.0
-
ns
---
t
H
Hold time data from clock
35
-
-
ns
---
f
CLK
Clock frequency
-
-
5.0
MHz
50% duty cycle, f
DATA = fCLK/2
t
R, tF
Clock rise and fall times
-
-
50
ns
---
T
ON
Turn-on time
-
-
5.0
µs
V
SIG = VPP -10V, RLOAD = 10KΩ
T
OFF
Turn-off time
-
-
5.0
µs
V
SIG = VPP -10V, RLOAD = 10KΩ
dv/dt
Maximum V
SIG slew rate
--
20
V/ns
V
PP = +40V, VNN = -160V
--
20
V
PP = +125V, VNN = -100V
--
20
V
PP = +210V, VNN = -40V
KO
Off isolation
-30
-
-
dB
F = 5MHz,
1KΩ//15pF load
-58
-
-
F = 5MHz, 50Ω load
K
CR
Switch crosstalk
-60
-
-
dB
F = 5MHz, 50Ω load
I
ID
Output switch isolation diode current
-
-
300
mA
300ns pulse width, 2% duty cycle
C
SG(OFF)
Off capacitance SW to GND
5.0
12
17
pF
0V, f = 1MHz
C
SG(ON)
On capacitance SW to GND
25
38
50
pF
0V, f = 1MHz
+V
SPK
Output voltage spike
--
200
mV
V
PP = +40V, VNN = -210V, RLOAD = 50Ω
-V
SPK
--
200
+V
SPK
--
200
V
PP = +100V, VNN = -125V, RLOAD = 50Ω
-V
SPK
--
200
+V
SPK
--
200
V
PP = +160V, VNN = -40V, RLOAD = 50Ω
-V
SPK
--
200


Similar Part No. - HV214FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV214FG SUTEX-HV214FG Datasheet
61Kb / 7P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214FG-G SUTEX-HV214FG-G Datasheet
834Kb / 9P
   250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
HV214FG-GM931 SUTEX-HV214FG-GM931 Datasheet
834Kb / 9P
   250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
More results

Similar Description - HV214FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV214 SUTEX-HV214_13 Datasheet
834Kb / 9P
   250V Low Charge Injection, 8-Channel, High Voltage Analog Switch
HV214 SUTEX-HV214 Datasheet
61Kb / 7P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com