Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV20220PJ Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV20220PJ
Description  Low Charge Injection 8-Channel High Voltage Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20220PJ Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV20220PJ Datasheet HTML 3Page - Supertex, Inc HV20220PJ Datasheet HTML 4Page - Supertex, Inc HV20220PJ Datasheet HTML 5Page - Supertex, Inc HV20220PJ Datasheet HTML 6Page - Supertex, Inc HV20220PJ Datasheet HTML 7Page - Supertex, Inc HV20220PJ Datasheet HTML 8Page - Supertex, Inc HV20220PJ Datasheet HTML 9Page - Supertex, Inc HV20220PJ Datasheet HTML 10Page - Supertex, Inc HV20220PJ Datasheet HTML 11Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
HV220/HV20220/HV20320
48-Lead LQFP Package Outline (FG)
7x7mm body, 1.4mm height (min), 0.50mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
Dimension
(mm)
MIN
1.40
0.05
1.35
0.17
8.80
6.80
8.80
6.80
0.50
BSC
0.45
1.00
REF
0.25
BSC
0O
NOM
-
-
1.40
0.22
9.00
7.00
9.00
7.00
0.60
3.5O
MAX
1.60
0.15
1.45
0.27
9.20
7.20
9.20
7.20
0.75
7O
JEDEC Registration MS-026, Variation BBC, Issue D, Jan. 2001.
Drawings not to scale.
1
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
Seating
Plane
Top View
D
D1
E
E1
b
e
Side View
A2
A
A1
Note 1
(Index Area
D1/4 x E1/4)
48
Note 1:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.


Similar Part No. - HV20220PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220PJ SUTEX-HV20220PJ Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV20220PJ-G SUTEX-HV20220PJ-G Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV20220PJ-GM904 SUTEX-HV20220PJ-GM904 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results

Similar Description - HV20220PJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com