Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV20220PJ Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV20220PJ
Description  Low Charge Injection 8-Channel High Voltage Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20220PJ Datasheet(HTML) 4 Page - Supertex, Inc

  HV20220PJ Datasheet HTML 1Page - Supertex, Inc HV20220PJ Datasheet HTML 2Page - Supertex, Inc HV20220PJ Datasheet HTML 3Page - Supertex, Inc HV20220PJ Datasheet HTML 4Page - Supertex, Inc HV20220PJ Datasheet HTML 5Page - Supertex, Inc HV20220PJ Datasheet HTML 6Page - Supertex, Inc HV20220PJ Datasheet HTML 7Page - Supertex, Inc HV20220PJ Datasheet HTML 8Page - Supertex, Inc HV20220PJ Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
HV220/HV20220/HV20320
Sym
Parameter
0OC
+25OC
+70OC
Units
Conditions
Min
Max
Min
Typ
Max
Min
Max
AC Electrical Characteristics
(Over recommended operating conditions: V
DD = 5.0V, unless otherwise specified)
t
SD
Set up time before LE
rises
150
150
150
ns
---
t
WLE
Time width of LE
150
150
150
ns
---
t
DO
Clock delay time to data
out
150
150
150
ns
---
t
WCL
Time width of CL
150
150
150
ns
---
t
SU
Set up time data to clock
15
15
8.0
20
ns
---
t
H
Hold time data from clock
35
35
35
ns
---
f
CLK
Clock frequency
5.0
5.0
5.0
MHz
50% Duty cycle, f
DATA= fCLK/2
t
R, tF
Clock rise and fall times
50
50
50
ns
---
t
ON
Turn on time
5.0
5.0
5.0
μs
V
SIG = VPP -10V, RLOAD = 10kΩ
t
OFF
Turn off time
5.0
5.0
5.0
μs
V
SIG = VPP -10V, RLOAD = 10kΩ
dv/dt
Maximun V
SIG slew rate
20
20
20
V/ns
V
PP = +160V, VNN = -40V
20
20
20
V
PP = +100V, VNN = -100V
20
20
20
V
PP = +40V, VNN = -160V
K
O
Off isolation
-30
-30
-33
-30
dB
f = 5.0MHz, 1kΩ/15pF load
-58
-58
-58
f = 5.0MHz, 50Ω load
K
CR
Switch crosstalk
-60
-60
-70
-60
dB
f = 5.0MHz, 50Ω load
I
ID
Output switch isolation
diode current
300
300
300
mA
300ns pulse width,
2.0% duty cycle
C
SG(OFF)
Off capacitance SW to
GND
5.0
17
5.0
12
17
5.0
17
pF
0V, f = 1.0MHz
C
SG(ON)
On capacitance SW to
GND
25
50
25
38
50
25
50
pF
0V, f = 1.0MHz
+V
SPK
Output voltage spike
-
-
-
-
150
-
-
mV
V
PP = +40V, VNN = -160V,
R
LOAD = 50Ω
-V
SPK
-
-
-
-
150
-
-
+V
SPK
-
-
-
-
150
-
-
V
PP = +100V, VNN = -100V,
R
LOAD = 50Ω
-V
SPK
-
-
-
-
150
-
-
+V
SPK
-
-
-
-
150
-
-
V
PP = +160V, VNN = -40V,
R
LOAD = 50Ω
-V
SPK
-
-
-
-
150
-
-
QC
Charge injection
-
-
-
820
-
-
-
pC
V
PP = +40V, VNN = -160V,
V
SIG = 0V
-
-
-
600
-
-
-
V
PP = +100V, VNN = -100V,
V
SIG = 0V
-
-
-
350
-
-
-
V
PP = +160V, VNN = -40V,
V
SIG = 0V


Similar Part No. - HV20220PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220PJ SUTEX-HV20220PJ Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV20220PJ-G SUTEX-HV20220PJ-G Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV20220PJ-GM904 SUTEX-HV20220PJ-GM904 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results

Similar Description - HV20220PJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
380Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com