Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV257 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV257
Description  32-Channel High Voltage Sample and Hold Amplifi er Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 2 Page - Supertex, Inc

  HV257 Datasheet HTML 1Page - Supertex, Inc HV257 Datasheet HTML 2Page - Supertex, Inc HV257 Datasheet HTML 3Page - Supertex, Inc HV257 Datasheet HTML 4Page - Supertex, Inc HV257 Datasheet HTML 5Page - Supertex, Inc HV257 Datasheet HTML 6Page - Supertex, Inc HV257 Datasheet HTML 7Page - Supertex, Inc HV257 Datasheet HTML 8Page - Supertex, Inc HV257 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
HV257
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Operating Conditions
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device at the
absolute rating level may affect device reliability. All voltages are referenced to device ground.
Device
Package Options
100 Lead MQFP
HV257
HV257FG
HV257FG-G
V
PP,
High voltage supply
310V
AV
DD, Analog low voltage positive supply
8.0V
DV
DD, Digital low voltage positive supply
8.0V
AV
NN, Analog low voltage negative supply
-7.0V
DV
NN, Digital low voltage negative supply
-7.0V
Logic input voltage
-0.5V to DV
DD
V
SIG, Analog input signal
0V to 6.0V
SRV
PP, VPP ramp up/down
TBDV/usec
Storage temperature range
-65°C to 150°C
Maximum junction temperature
150°C
V
PP
High voltage positive supply
125
-
300
V
---
V
DD
Low voltage positive supply
6.0
-
7.5
V
---
V
NN
Low voltage negative supply
-4.5
-
-6.5
V
---
I
PP
V
PP supply current
-
-
0.8
mA
V
PP = 300V, All HVOUT = 0V No load
I
DD
V
DD supply current
-
-
5.0
mA
V
DD = 6.0V to 7.5V
I
NN
V
NN supply current
-6.0
-
-
mA
V
NN = -4.5V to -6.5V
T
J
Operating temperature range
-10
-
85
°C
---
Symbol
Parameter
Min
Typ
Max
Units
Conditions
HV
OUT
HV
OUT voltage swing
0
-
V
PP-5
V
---
V
INOS
Input offset
-
-
±50
mV
Input referred
SR
HV
OUT slew rate rise
-
2.2
-
V/µs
No Load
HV
OUT slew rate fall
-
2.0
-
V/µs
No Load
BW
HV
OUT -3dB channel bandwidth
-
4.0
-
KHz
V
PP = 300V
A
O
Open loop gain
70
100
-
dB
---
A
V
Closed loop gain
68.4
72
75.6
V/V
---
R
FB
Feedback resistance from HV
OUT to
ground
9.6
12
-
MΩ
---
C
LOAD
HV
OUTt capacitive load
0
-
3000
pF
---
I
SOURCE
HV
OUT sourcing current limiting range
50
-
500
µA
I
SOURCE = 12.5V/RSOURCE
I
SINK
HV
OUT sinking current limiting range
50
-
500
µA
I
SINK = 12.5V/RSINK
R
SOURCE
External resistance range for setting
maximum current source
25
-
250
KΩ
---
R
SINK
External resistance range for setting
maximum current sink
25
-
250
KΩ
---
CT
DC
DC channel to channel crosstalk
-80
-
-
dB
---
PSRR
Power supply rejection ratio for V
PP,
V
DD, VNN
-40
-
-
dB
---
Electrical Characteristics (over operating conditions, unless otherwise specified)
High Voltage Amplifier
-G indicates package is RoHS compliant (‘Green’)


Similar Part No. - HV257

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257 SUTEX-HV257 Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
HV257FG SUTEX-HV257FG Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
More results

Similar Description - HV257

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV256 SUTEX-HV256_07 Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
DATEL, Inc.
SHM-14 DATEL-SHM-14 Datasheet
250Kb / 5P
   14-Bit Linear Sample-Hold Amplifi er
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com