Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV311 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV311
Description  Hot Swap Controller (Negative Supply Rail)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311 Datasheet(HTML) 1 Page - Supertex, Inc

  HV311 Datasheet HTML 1Page - Supertex, Inc HV311 Datasheet HTML 2Page - Supertex, Inc HV311 Datasheet HTML 3Page - Supertex, Inc HV311 Datasheet HTML 4Page - Supertex, Inc HV311 Datasheet HTML 5Page - Supertex, Inc HV311 Datasheet HTML 6Page - Supertex, Inc HV311 Datasheet HTML 7Page - Supertex, Inc HV311 Datasheet HTML 8Page - Supertex, Inc HV311 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
HV301/HV311
A092605
Not R
ecommended
Not R
ecom
men
ded
For Ne
w Designs!
For N
ew D
esign
s!
HV301/HV311
Hot Swap Controller
(Negative Supply Rail)
Features
±10V to ±90V Operation
Built-in “normally on” turn-on clamp eliminates components
UV/OV Lock Out & Power-on-Reset for Debouncing
Sense resistor program ground circuit breaker
Programmable circuit breaker holdoff
Inrush control using either: i) servo or ii) feedback cap
Feedback to Ramp pin means no Gate clamp needed
Application solution for input voltage step (diode “ORing”)
Programmable Auto-Retry (tens of seconds if desired)
Auto-Retry or Latched Operation
Enable through Open Drain interface to UV or OV
Low Power, <0.6mA PWRGD Flag Operation, <0.4mA
Sleep Mode
Small SOIC-8 Package
Applications
-48V Central Office Switching
-24V Cellular and Fixed Wireless Systems
-24V PBX Systems
Line Cards
-48V Powered Ethernet for VoIP
Distributed Power Systems
Power Supply Control
+48V Storage Networks
Electronic Circuit Breaker
Typical Application Circuit
Waveforms
5.00ms/div
Ordering Information
Drain
50V/div
V
IN
50V/div
Gate
5.00V/div
I
inrush
500mA/div
General Description
The Supertex HV301 and HV311 Hot Swap Controllers provide
control of power supply connection during insertion of cards or
modules into live backplanes. They may be used in systems
where active control is implemented in the negative lead of
supplies ranging from ±10V to ±90V.
During initial power application the gate of the external pass
device is clamped low to suppress contact bounce glitches by a
“normally on” circuit which does not require initialization of the
IC. Thereafter the UV/OV supervisors and power-on-reset work
together to suppress gate turn on until mechanical bounce has
ended. The HV301/311 then control the current inrush limit to a
programmed level using one of two possible methods, i) servo
control or ii) a drain to ramp capacitor. The above methods
eliminate the need for extra hold-off or current limiting compo-
nents. The devices also include an electronic circuit breaker,
programmed by a sense resistor.
After the load capacitance has fully charged, the HV301/311 will
transition into a low power mode, and enable the open drain
PWRGD. In low power mode the HV301/311 continues to moni-
tor the input voltage and monitor the current level. If a load fault
occurs, the electronic circuit breaker will trip, the pass
element will be turned off, and the PWRGD will return to an
(continued on Page 3)
VDD
UV
OV
VEE
SENSE
GATE
-48V
R4
12.5mΩ
R1
487kΩ
R2
6.81kΩ
R3
9.76kΩ
Q1
IRF530
Cload
+5V
HV301/
HV311
8
3
2
5
4
COM
DC/DC
PWM
CONVERTER
1
GND
NOTES: 1. Undervoltage Shutdown (UV) set to 35V.
2. Overvoltage Shutdown (OV) set to 65V.
3. Current Limit set to ~1A.
4. CB set to 8A.
PWRGD / PWRGD
ENABLE / ENABLE
6
RAMP
7
C1
10nF
C2
-48V
0.85nF
A092605
f
o
e
t
a
t
S
e
v
i
t
c
A
a
n
g
i
S
d
o
o
G
r
e
w
o
Pl
s
n
o
i
t
p
O
e
g
a
k
c
a
P
O
S
n
i
P
8
H
G
I
HG
L
1
0
3
V
H
W
O
LG
L
1
1
3
V
H


Similar Part No. - HV311

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV311 SUTEX-HV311 Datasheet
664Kb / 21P
   Hotswap, Controllers with Circuit Breaker
HV311 SUTEX-HV311 Datasheet
1Mb / 17P
   Hot Swap Controller
HV311LG SUTEX-HV311LG Datasheet
664Kb / 21P
   Hotswap, Controllers with Circuit Breaker
HV311LG-G SUTEX-HV311LG-G Datasheet
1Mb / 17P
   Hot Swap Controller
HV311 SUTEX-HV311_09 Datasheet
1Mb / 17P
   Hot Swap Controller
More results

Similar Description - HV311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com