Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT1040 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SBT1040
Description  Schottky Barrier Rectifiers - Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBT1040 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SBT1040 Datasheet HTML 1Page - Diotec Semiconductor SBT1040 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBT1020 ... SBT10100
SBT1020 ... SBT10100
Schottky Barrier Rectifiers – Single Diode
Schottky-Barrier-Gleichrichter – Einzeldiode
Version 2007-06-27
Dimensions - Maße [mm]
Nominal current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case – Kunststoffgehäuse
TO-220AC
Weight approx.
Gewicht ca.
1.8 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
IF = 5 A
IF = 10 A
SBT1020
20
20
< 0.48
< 0.55
SBT1030
30
30
< 0.48
< 0.55
SBT1040
40
40
< 0.48
< 0.55
SBT1045
45
45
< 0.48
< 0.55
SBT1050
50
50
< 0.63
< 0.70
SBT1060
60
60
< 0.63
< 0.70
SBT1090
90
90
< 0.78
< 0.85
SBT10100
100
100
< 0.78
< 0.85
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
10 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBT1020...
SBT1060
TA = 25°C
IFSM
135/150 A
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBT1090...
SBT10100
TA = 25°C
IFSM
115/125 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
80 A2s
Junction temperature – Sperrschichttemperatur
at reduced reverse voltage – bei reduzierter Sperrspannung
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
VR ≤ 80% VRRM
VR ≤ 50% VRRM
Tj
Tj
Tj
-50...+150°C
≤ 180°C
≤ 200°C
1
Tj = 25°C
1
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
10±0.2
1.5
0.9
5.08
3.8
Type
Typ
1 2 3
4
1 2 3
4


Similar Part No. - SBT1040

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBT1040 DIOTEC-SBT1040 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
SBT1040 DIOTEC-SBT1040 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
SBT1040 DIOTEC-SBT1040 Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Diodes . Single Diode
SBT1040 DIOTEC-SBT1040 Datasheet
170Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
SBT1040CT SUNMATE-SBT1040CT Datasheet
565Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBT1040

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBT1820 DIOTEC-SBT1820 Datasheet
121Kb / 2P
   Schottky Barrier Rectifiers ??Single Diode
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
   Schottky Barrier Rectifiers . Single Diode
SBT2620 DIOTEC-SBT2620 Datasheet
115Kb / 2P
   Schottky Barrier Rectifiers ??Single Diode
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com