Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV514 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV514
Description  8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV514 Datasheet(HTML) 3 Page - Supertex, Inc

  HV514 Datasheet HTML 1Page - Supertex, Inc HV514 Datasheet HTML 2Page - Supertex, Inc HV514 Datasheet HTML 3Page - Supertex, Inc HV514 Datasheet HTML 4Page - Supertex, Inc HV514 Datasheet HTML 5Page - Supertex, Inc HV514 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HV514
s
e
g
a
t
l
o
V
y
l
p
p
u
S
g
n
i
t
a
r
e
p
O
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
V
D
D
e
g
a
t
l
o
v
y
l
p
p
u
s
c
i
g
o
L5
.
40
.
55
.
5V
V
P
P
y
l
p
p
u
s
e
g
a
t
l
o
v
h
g
i
H0
50
5
2V
1
e
t
o
N
V
H
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
HV
D
D
9
.
0
-V
D
D
V
V
L
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
L0
9
.
0V
T
A
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O0
4
-5
8
+C
°
Notes:
1. Below minimum V
PP the output may not switch.
2. Power-up sequence should be the following:
1. Connect ground.
2. Apply V
DD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply V
PP.
Power-down sequence should be the reverse of the above.
Input and Output Equivalent Circuits
VDD
Input
GND
VPP
HVGND
HVOUT
Logic Inputs
GND
Data Out
Logic Data Output
High Voltage Outputs
VDD
*
20k
* BL, SEL, LE
Note: There is an internal output resistor for the high voltage output pin for SOA protection


Similar Part No. - HV514

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HV51-150-024.704M CONNOR-WINFIELD-HV51-150-024.704M Datasheet
121Kb / 2P
   14 PIN 5.0V HCMOS VCXO
HV51-50 CONNOR-WINFIELD-HV51-50 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV51-51100 CONNOR-WINFIELD-HV51-51100 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV51-51150 CONNOR-WINFIELD-HV51-51150 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV51-51160 CONNOR-WINFIELD-HV51-51160 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
More results

Similar Description - HV514

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com