Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM-LC-0-000-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TIM-LC-0-000-1
Description  GPS Receiver Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIM-LC-0-000-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TIM-LC-0-000-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers TIM-LC-0-000-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
!
TIM-LC!-!Data!Sheet!!
Functional!Description!
GPS.G3-MS3-03019-D!!
Page 7!
your position is our focus
1.7 Boot-Time GPSMODE Configuration
The! TIM-LC! provides! seven! GPSMODE! pins! which! provide! boot-time! configuration! capabilities.!! These!
configuration! settings! will! be! effective! immediately! after! start-up.!! Once! the! TIM-LC! has! started,! the!
configuration! settings! may! be! modified! with! UBX! configuration! messages.!! The! modified! settings! remain!
effective!until!power-down!or!reset.!!If!these!settings!have!been!stored!in!battery-backup!RAM!(with!CFG-CFG!
message),!then!the!modified!configuration!will!be!retained!as!long!backup!battery!supply!is!not!interrupted.!
!
GPSMODE
GPSMODE
3
2
GPS sensitivity settings
8
7
Navigation rate settings
0!
0!
Reserved!!
0!
0!
CTM!2!Hz!
0
1
Fast acquisition mode (default)
!
0!
1!
CTM!0.5!Hz!
1!
0!
Normal!sensitivity!mode!!
1!
0!
CTM!4!Hz!update!rate!
1!
1!
High!sensitivity!mode!
1
1
CTM 1 Hz update rate (default)
Table 3: Supported GPSMODE settings (Default settings apply if not connected)
!
GPSMODE
12
6
5
Baud Rate
Output Message Set
0!
0!
0!
57.6!Kbaud,!UBX!
NAV-SOL,!NAV-SVINFO!
NAV-POSECEF,!NAV-POSLLH,!NAV-STATUS,!NAV-DOP,!NAV-VELECEF,!
NAV-VELNED,!NAV-TIMEGPS,!NAV-TIMEUTC,!NAV-CLOCK!
MON-SCHD,!MON-IO,!MON-IPC!
0!
0!
1!
38.4!Kbaud,!UBX!
NAV-SOL,!NAV-SVINFO!
NAV-POSECEF,!NAV-POSLLH,!NAV-STATUS,!NAV-DOP,!NAV-VELECEF,!
NAV-VELNED,!NAV-TIMEGPS,!NAV-TIMEUTC,!NAV-CLOCK!
0!
1!
0!
19.2!Kbaud,!UBX!
NAV-SOL,!NAV-SVINFO!
0!
1!
1!
Autobauding!
None.!!Must!be!activated!explicitly!with!CFG-PRT!/!CFG-MSG!messages!
1!
0!
0!
19.2!Kbaud,!NMEA!
GGA,!RMC,!GSA,!GSV,!GLL,!VTG,!ZDA,!GRS,!GST,!TXT!
PUBX00,!PUBX03,!PUBX04!
1!
0!
1!
4.8!Kbaud,!NMMA!
GGA,!RMC,!TXT!
1
1
0
9.6 Kbaud, NMEA (default)
GGA, RMC, GSA, GSV, GLL, VTG, ZDA, TXT
1!
1!
1!
115.2!Kbaud,!UBX!
NAV-SOL,!NAV-SVINFO!
NAV-POSECEF,!NAV-POSLLH,!NAV-STATUS,!NAV-DOP,!NAV-VELECEF,!
NAV-VELNED,!NAV-TIMEGPS,!NAV-TIMEUTC,!NAV-CLOCK!
MON-SCHD,!MON-IO,!MON-IPC!
RXM-RAW!
Table 4: Supported GPSMODE settings (Default settings apply if not connected)
For!more!information!see!the!ANTARIS System Integration Manual![1].!
!


Similar Part No. - TIM-LC-0-000-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIM-LR ETC2-TIM-LR Datasheet
68Kb / 2P
   Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
TIM-LR-0-000-0 ETC2-TIM-LR-0-000-0 Datasheet
68Kb / 2P
   Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
TIM-LR-0-000-1 ETC2-TIM-LR-0-000-1 Datasheet
68Kb / 2P
   Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
TIM-LR-0-000-5 ETC2-TIM-LR-0-000-5 Datasheet
68Kb / 2P
   Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
More results

Similar Description - TIM-LC-0-000-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITRAX02 ETC2-ITRAX02 Datasheet
871Kb / 2P
   GPS RECEIVER MODULE
logo
Epson Company
S4E39860 EPSON-S4E39860 Datasheet
28Kb / 2P
   GPS Receiver Module
logo
Yuechung International ...
YIC31612EBGG YIC-YIC31612EBGG Datasheet
1Mb / 18P
   GPS & GLONASS Receiver Module
YIC51513EBGG-33 YIC-YIC51513EBGG-33 Datasheet
629Kb / 17P
   GPS & GLONASS Receiver Module
YIC51009EBGG-33 YIC-YIC51009EBGG-33 Datasheet
1Mb / 16P
   GPS & GLONASS Receiver Module
YIC51513EBGB-33 YIC-YIC51513EBGB-33 Datasheet
515Kb / 18P
   GPS & BDS Receiver Module
logo
List of Unclassifed Man...
ORG4400 ETC-ORG4400 Datasheet
1Mb / 36P
   GPS RECEIVER MODULE DATASHEET
Revision 1.0 March 10, 2015
ITRAX03 ETC2-ITRAX03 Datasheet
195Kb / 2P
   OEM GPS Receiver Module
logo
Yuechung International ...
YIC51009EBGB YIC-YIC51009EBGB Datasheet
1Mb / 16P
   GPS & BDS Receiver Module
YIC51612EBGG-33 YIC-YIC51612EBGG-33 Datasheet
1Mb / 16P
   GPS & GLONASS Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com