Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV758DB1 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV758DB1
Description  HV758 짹90V 2.2A Ultrasound Pulser Demo Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV758DB1 Datasheet(HTML) 1 Page - Supertex, Inc

  HV758DB1 Datasheet HTML 1Page - Supertex, Inc HV758DB1 Datasheet HTML 2Page - Supertex, Inc HV758DB1 Datasheet HTML 3Page - Supertex, Inc HV758DB1 Datasheet HTML 4Page - Supertex, Inc HV758DB1 Datasheet HTML 5Page - Supertex, Inc HV758DB1 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HV758DB1
Designing a Pulser with HV758
This demo board data sheet describes how to use the
HV758DB1 to generate the basic high voltage pulse
waveform as an ultrasound transmitting pulser.
The HV758 circuit uses the DC coupling method in all
level translators. There are no external coupling capacitors
needed. The V
PP and VNN rail voltages can be changed
rather quickly, compared to a high voltage capacitor gate-
coupled driving pulser. This direct coupling topology of the
gate drivers not only saves two high voltage capacitors per
channel, but also makes the PCB layout easier.
The input stage of the HV758 has high-speed level
translators that are able to operate with logic signals of
1.2V to 5.0V and are optimized at 2.5V to 3.3V. In this
demo board, the control logic signals are connected to
a high-speed ribbon cable connector. The control signal
logic-high voltage should be the same as the V
CC voltage
of the demo board, and the logic-low should be referenced
to GND.
The HV758DB1 output waveforms can be displayed using
an oscilloscope directly by connecting the scope probe to
the test point TX1 to 4 and GND. The soldering jumper can
select whether or not to connect the on-board equivalent-
load, a 330pF, 200V capacitor, parallel with a 2.5kΩ, 1W
resistor. Also, a coaxial cable can be used to connect the
user’s transducer to easily drive and evaluate the HV758
transmitter pulser.
Typical Application Circuit
HV758 ±90V 2.2A Ultrasound Pulser Demo Board
Introduction
The HV758 is a monolithic 4-channel, high-speed, high
voltage, ultrasound transmitter pulser. This integrated, high
performance circuit is in a single, 8x8mm, 64-Ball FCBGA
package.
The HV758 can deliver up to a ±2.2A source and sink
current to a capacitive transducer. It is designed for
medical ultrasound imaging and ultrasound material NDT
applications. It can also be used as a high voltage driver
for other piezoelectric or capacitive MEMS transducers, or
for ATE systems and pulse signal generators as a signal
source.
HV758’s circuitry consists of controller logic circuits, level
translators, gate driving buffers and a high current and high
voltage MOSFET output stage. The output stages of each
channel are designed to provide peak output currents over
±2.5A for pulsing, when MC0 = 1 and MC1 = 1, with up
to ±90V swings. When in mode 1, all the output stages
drop the peak current to ±580mA for low-voltage CW mode
operation to save power. Two floating 9VDC power supplies
referenced to V
PP and VNN supply the P- and N-type power
FET gate drivers. The upper limit frequency of the pulser
waveform is 20MHz depending on the load capacitance.
One HV758 can also be used as four damping circuits to
generate fast return-to-zero waveforms by working with
another HV758 as four pulsing circuits. It also has built-in,
under-voltage and over-temperature protection functions.
NIN1
SUB
VPP-10V
VPF
VDD
+10V
GREF
+1.8 to 3.3V
Logic
VPP
0to +90V
EN
MC1
C1
VNN
0to-90V
TXN1
VNN +10V
1 of 4 Channels
C2
C3
C5
C4
TXP1
HVout1
X1
D1
D2
VNF
VSUB
VLL
+1.8 to 3.3V
+90V
C6
C7
EN_PWR
MC0
OTP
VSS
PIN1
RGND
R
P1
R
N1
RGND
P-Driver
Level
Translator
Level
Translator
N-Driver
HV758


Similar Part No. - HV758DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV758FB SUTEX-HV758FB Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV758FB-G SUTEX-HV758FB-G Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
More results

Similar Description - HV758DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
   HV739 짹100V 3.0A Ultrasound Pulser Demo Board
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV738DB1 SUTEX-HV738DB1 Datasheet
1Mb / 9P
   HV738 짹65V 0.75A Ultrasound Pulser Demo Board
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com