Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV825 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV825
Description  High Voltage EL Lamp Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV825 Datasheet(HTML) 4 Page - Supertex, Inc

  HV825_07 Datasheet HTML 1Page - Supertex, Inc HV825_07 Datasheet HTML 2Page - Supertex, Inc HV825_07 Datasheet HTML 3Page - Supertex, Inc HV825_07 Datasheet HTML 4Page - Supertex, Inc HV825_07 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
HV825
8-Lead SOIC (Narrow Body) Package (LG)
45°
5° - 15°
(4 PLCS)
4.90 ± 0.10
1.27BSC
6.00 ± 0.20
3.90 ± 0.10
Notes:
1. All dimensions in millimeters. Angles in degrees.
2. If the corner is not chamfered, then a Pin 1 identifier
must be located within the area indicated.
Note 2
1.75 MAX
0.10 - 0.25
0.31 - 0.51
1.25 MIN
0.25 - 0.50
0° - 8°
0.40 - 1.27
0.17 - 0.25
Top View
Side View
End View
Note 2
1
8


Similar Part No. - HV825_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV825LG SUTEX-HV825LG Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV825MG SUTEX-HV825MG Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV825X SUTEX-HV825X Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
More results

Similar Description - HV825_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV856 SUTEX-HV856 Datasheet
453Kb / 7P
   High Voltage Tri-EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com