Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV830 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 4 Page - Supertex, Inc

  HV830_07 Datasheet HTML 1Page - Supertex, Inc HV830_07 Datasheet HTML 2Page - Supertex, Inc HV830_07 Datasheet HTML 3Page - Supertex, Inc HV830_07 Datasheet HTML 4Page - Supertex, Inc HV830_07 Datasheet HTML 5Page - Supertex, Inc HV830_07 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
HV830
The HV830 can also be used for handheld devices operating
from a single cell 1.5V battery where a regulated voltage is
available. This is shown in Fig. 3. The regulated voltage can
be used to run the internal logic of the HV830. The amount of
current necessary to run the internal logic is typically 100µA
at a V
DD of 3.0V. Therefore, the regulated voltage could easily
provide the current without being loaded down. The HV830
used in this configuration can also be enabled/disabled via
logic control signal on the R
SW and REL resistors as shown
in Fig.2.
Split Supply Configuration Using a Single Cell (1.5V) Battery
Fig. 3 can also be used with high battery voltages, such as
12V, as long as the input voltage, V
DD, to the HV830 device
is within its specifications of 2.0V to 9.5V.
Split Supply Configuration for Battery Voltages of Higher than 9.5V
Fig. 3 Split Supply Configuration
VIN = Battery
Voltage
VDD = Regulated
Voltage
ON = VDD
OFF = 0V
CS
200V
0.1µF*
LX
BAS21LT1
RSW
REL
EL Lamp
+
Remote
Enable
1nF
HV830
1
7
2
3
4
8
6
5
LX
GND
VB
VA
REL-Osc
VDD
RSW-Osc
CS
* Larger values may be required depending upon supply impedence.


Similar Part No. - HV830_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830LG SUTEX-HV830LG Datasheet
306Kb / 4P
   High Voltage EL Lamp Driver
HV830LG-G SUTEX-HV830LG-G Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV830X SUTEX-HV830X Datasheet
306Kb / 4P
   High Voltage EL Lamp Driver
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
More results

Similar Description - HV830_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV856 SUTEX-HV856 Datasheet
453Kb / 7P
   High Voltage Tri-EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com