Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV852K7-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV852K7-G
Description  High Voltage, Low Noise, Inductorless EL Lamp Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV852K7-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV852K7-G Datasheet HTML 1Page - Supertex, Inc HV852K7-G Datasheet HTML 2Page - Supertex, Inc HV852K7-G Datasheet HTML 3Page - Supertex, Inc HV852K7-G Datasheet HTML 4Page - Supertex, Inc HV852K7-G Datasheet HTML 5Page - Supertex, Inc HV852K7-G Datasheet HTML 6Page - Supertex, Inc HV852K7-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV852
Note: C
DD = 2.2µF, 6.3V ceramic capacitor
Figure 2: Push Button Turn on with Delay Turn off
Figure 3: Independent Programmable Output Frequency (f
EL)
Note: f
EL = fCLK/128
Figure 1: Typical Application
HV852
+
-
C
EL
Lamp
VDD
CDD
Push Button
Turn On
REL
R
RC time constant
will set Turn OFF
Delay time
GND
VA
VB
EN
REL
VDD
CLKEN
CLKIN
HV852
+
-
VDD
VDD
VDD = ON
GND = OFF
GND
VDD
CDD
fCLK
EL
Lamp
GND
CLKEN
VA
VB
CLKIN
EN
REL
VDD
EL
Lamp
HV852
V
DD = ON
GND = OFF
C
DD
V
DD
+
-
R
EL
GND
VA
VB
EN
REL
VDD
CLKEN
CLKIN
EL Lamp frequency set by an external clock


Similar Part No. - HV852K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV852K7-G SUTEX-HV852K7-G Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results

Similar Description - HV852K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
   High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
   High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com