Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV857L Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV857L
Description  Low Noise, High Voltage EL Lamp Driver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857L Datasheet(HTML) 8 Page - Supertex, Inc

  HV857L Datasheet HTML 1Page - Supertex, Inc HV857L Datasheet HTML 2Page - Supertex, Inc HV857L Datasheet HTML 3Page - Supertex, Inc HV857L Datasheet HTML 4Page - Supertex, Inc HV857L Datasheet HTML 5Page - Supertex, Inc HV857L Datasheet HTML 6Page - Supertex, Inc HV857L Datasheet HTML 7Page - Supertex, Inc HV857L Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Doc.# DSFP-HV857L
NR111306
HV857L
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
1
8
Seating
Plane
Gauge
Plane
θ
L
L1
L2
E
E1
D
e
b
A
A2
A1
Seating
Plane
A
A
Top View
Side View
View A-A
View B
View B
θ1 (x4)
Note 1
(Index Area
D1/2 x E1/2)
Symbol
A
A1
A2
b
D
E
E1
e
L
L1
L2
θ
θ1
Dimen-
sion
(mm)
MIN
0.75
0.00
0.75
0.22
2.80
4.65
2.80
0.65
BSC
0.40
0.95
REF
0.25
BSC
0O
5O
NOM
-
-
0.85
-
3.00
4.90
3.00
0.60
-
-
MAX
1.10
0.15
0.95
0.38
3.20
5.15
3.20
0.80
8O
15O
JEDEC Registration MO-187, Variation AA, Issue E, Dec. 2004.
Drawings not to scale.
Note 1:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.
8-Lead MSOP Package Outline (MG)
3x3mm body, 1.10mm height (max), 0.65mm pitch


Similar Part No. - HV857L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857LK7-G SUTEX-HV857LK7-G Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857LMG-G SUTEX-HV857LMG-G Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_13 Datasheet
931Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com