Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN303 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # AN303
Description  Si55X VCXO TEMPERATURE STABILITY DEFINITION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN303 Datasheet(HTML) 1 Page - Silicon Laboratories

  AN303 Datasheet HTML 1Page - Silicon Laboratories AN303 Datasheet HTML 2Page - Silicon Laboratories AN303 Datasheet HTML 3Page - Silicon Laboratories AN303 Datasheet HTML 4Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 0.1 7/06
Copyright © 2006 by Silicon Laboratories
AN303
AN303
Si55X VCXO TEMPERATURE STABILITY DEFINITION
1. Introduction
The Si55x VCXO utilizes a unique architecture to provide VCXO functionality and performance in an industry
standard 5x7 mm CLCC package. This unique architecture provides nearly any clock frequency from 10 MHz to
1.4 GHz and voltage control for closed-loop applications (phase-locked loops).
The basis for frequency synthesis is a single-frequency bulk-acoustic wave (BAW) AT-cut crystal resonator that
offers tight frequency stability over temperature and well understood aging behavior. A CMOS IC based on Silicon
Labs’ proprietary DSPLL™ technology provides the frequency translation from the crystal to the desired output
frequency.
Voltage control is achieved via a ground-referenced analog-to-digital converter (VCADC) that dynamically adjusts
the frequency synthesis.
2. Temperature Effects
Both traditional VCXOs and Si55x VCXOs have specifications that are dependent on temperature. Temperature
affects two areas of VCXOs: the crystal’s absolute frequency across temperature and the control voltage circuitry’s
response to temperature.
2.1. Crystal Temperature Behavior
BAW AT-cut crystals have absolute frequency that is dependent on the cut angle and the temperature as shown in
Figure 1.
SAW oscillators have a different behavior. The Si55x VCXO data sheet specifies this parameter as “temperature
stability” indicating the base oscillator’s frequency stability across temperature. The specification is given as a
symmetric minimum and maximum.
Figure 1. Relative Frequency Across Temperature for AT-Cut Bulk-Acoustic-Wave Crystal
r
m
R
R
R
R
r
m
Y
Z
AT-cut
BT-cut
49
o
35¼
o
-1
0
1
2
3
4
5
6
7
8
-1
0
1
2
3
4
5
6
7
8
Y- bar quartz
Z
25
20
15
10
5
0
-5
-10
-15
-20
-25
-45 -40 -35 -30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
f/f)
ppm
Temperature (
oC)


Similar Part No. - AN303

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
   The purpose of this note is to familiarize
AN3031 STMICROELECTRONICS-AN3031 Datasheet
1Mb / 28P
   SCLT3-8 input termination demonstration board
AN3032 STMICROELECTRONICS-AN3032 Datasheet
1Mb / 26P
   This application note describes a demonstration board able to drive
More results

Similar Description - AN303

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOVN-9000B EUROQUARTZ-XOVN-9000B Datasheet
109Kb / 1P
   High Stability SMD VCXO
logo
M/A-COM Technology Solu...
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80 Datasheet
450Kb / 4P
   Excellent temperature stability
MACP-011036 MA-COM-MACP-011036 Datasheet
688Kb / 5P
   Excellent Temperature Stability
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007 Datasheet
1Mb / 4P
   Excellent temperature stability
MABA-011073 MA-COM-MABA-011073 Datasheet
804Kb / 6P
   Excellent temperature stability
MAPD-011040 MA-COM-MAPD-011040 Datasheet
909Kb / 7P
   Excellent temperature stability
logo
Vectron International, ...
OX202 VECTRON-OX202 Datasheet
497Kb / 4P
   Excellent temperature stability
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
M/A-COM Technology Solu...
MABA-011085 MA-COM-MABA-011085 Datasheet
812Kb / 5P
   Excellent Temperature Stability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com