Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2701 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV2701
Description  Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2701 Datasheet(HTML) 6 Page - Supertex, Inc

  HV2701 Datasheet HTML 1Page - Supertex, Inc HV2701 Datasheet HTML 2Page - Supertex, Inc HV2701 Datasheet HTML 3Page - Supertex, Inc HV2701 Datasheet HTML 4Page - Supertex, Inc HV2701 Datasheet HTML 5Page - Supertex, Inc HV2701 Datasheet HTML 6Page - Supertex, Inc HV2701 Datasheet HTML 7Page - Supertex, Inc HV2701 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV2701
Logic Function Table
Notes:
1.
The 16 switches operate independently.
2.
Serial data is clocked in on the L to H transition of the CLK.
3.
All 16 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low the shift registers data flow through the latch.
4.
D
OUT is high when data in the shift register 15 is high.
5.
Shift registers clocking has no effect on the switch states if LE is high.
6.
The CL clear input overrides all other inputs.
Logic Timing Waveforms
DATA
IN
LE
CLOCK
DATA
OUT
OFF
ON
OUT
(TYP )
V
50%
50%
50%
50%
t WLE
t
SD
t
SU
t
h
50%
50%
t OFF
50%
t DO
t ON
t WCL
CLR
D
N+ 1
D
N
D
N- 1
50%
50%
90%
10%
D0
D1
...
D7
D8
...
D15
LE
CL
SW0
SW1
...
SW7
SW8
...
SW15
L-
...
--
...
-
L
L
OFF
-
...
--
...
-
H
-
--
-
L
L
ON
-
--
-
-L
-
-
-L
L
-
OFF
-
-
-
-
H
--
-
L
L
-
ON
--
-
--
--
-
L
L
-
-
-
-
-
--
--
-
L
L
-
-
-
-
-
-
-
L-
-
L
L-
-
OFF
-
-
--
H
-
-
L
L
-
-
ON
-
-
-
-
-L
-L
L
-
-
-
OFF
-
--
-
H
-
L
L
-
-
-
ON
-
--
--
-
L
L
-
-
-
-
-
--
--
-
L
L
-
-
-
-
-
--
--
-
L
L
-
-
-
-
-
--
--
-
L
L
-
-
-
-
-
--
--
L
L
L
--
--
OFF
--
--
H
L
L
-
-
-
-
ON
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
H
ALL SWITCHES OFF


Similar Part No. - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2701 MICROCHIP-HV2701 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-G-M931 MICROCHIP-HV2701BD-G-M931 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-G-M936 MICROCHIP-HV2701BD-G-M936 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2701BD-M936 MICROCHIP-HV2701BD-M936 Datasheet
364Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
More results

Similar Description - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
   Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com