Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV6008 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV6008
Description  32-Channel 짹40V Liquid Crystal Display Row Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV6008 Datasheet(HTML) 5 Page - Supertex, Inc

  HV6008_07 Datasheet HTML 1Page - Supertex, Inc HV6008_07 Datasheet HTML 2Page - Supertex, Inc HV6008_07 Datasheet HTML 3Page - Supertex, Inc HV6008_07 Datasheet HTML 4Page - Supertex, Inc HV6008_07 Datasheet HTML 5Page - Supertex, Inc HV6008_07 Datasheet HTML 6Page - Supertex, Inc HV6008_07 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
03/28/07
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV6008
21
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34
33
32
31
30
29
18
22
20
19
7
8
9
10
11
12 13 14 15 16 17
28
27
26
25
24
23
44-Pin J-Lead
Pin
Function
1HVOUT 16
2HVOUT 15
3HVOUT 14
4HVOUT 13
5HVOUT 12
6HVOUT 11
7HVOUT 10
8VPP
9HVOUT 9
10
HVOUT 8
11
HVOUT 7
12
HVOUT 6
13
HVOUT 5
14
HVOUT 4
15
HVOUT 3
16
HVOUT 2
17
HVOUT 1
18
Data In
19
GND
20
Phase Shift
21
Clock
22
Clear
Pin
Function
23
V
DD 1
24
Enable
25
V
DD 2
26
GND
27
Data Out
28
HV
OUT 32
29
HV
OUT 31
30
HV
OU 30
31
HV
OUT 29
32
HV
OUT 28
33
HV
OUT 27
34
HV
OUT 26
35
HV
OUT 25
36
HV
OUT 24
37
V
NN
38
HV
OUT 23
39
HV
OUT 22
40
HV
OUT 21
41
HV
OUT 20
42
HV
OUT 19
43
HV
OUT 18
44
HV
OUT 17
Pin Configurations
Package Outlines
44-Pin Quad Palstic Package
Pin
Function
1HV
OUT 21
2HV
OUT 20
3HV
OUT 19
4HV
OUT 18
5HV
OUT 17
6HV
OUT 16
7HV
OUT 15
8HV
OUT 14
9HV
OUT 13
10
HV
OUT 12
11
HV
OUT 11
12
HV
OUT 10
13
V
PP
14
HV
OUT 9
15
HV
OUT 8
16
HV
OUT 7
17
HV
OUT 6
18
HV
OUT 5
19
HV
OUT 4
20
HV
OUT 3
21
HV
OUT 2
22
HV
OUT 1
Pin
Function
23
Data In
24
GND
25
Phase Shift
26
Clock
27
Clear
28
V
DD1
29
Enable
30
V
DD2
31
GND
32
Data Out
33
HV
OUT 32
34
HV
OUT 31
35
HV
OUT 30
36
HV
OUT 29
37
HV
OUT 28
38
HV
OUT 27
39
HV
OUT 26
40
HV
OUT 25
41
HV
OUT 24
42
V
NN
43
HV
OUT 23
44
HV
OUT 22
44-pin J Lead Package
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
789
10 11 12 13 14 15 16 17
top view
top view
44-pin Quad Plastic Gullwing Package


Similar Part No. - HV6008_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6008DJ SUTEX-HV6008DJ Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008PG SUTEX-HV6008PG Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008PJ SUTEX-HV6008PJ Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008X SUTEX-HV6008X Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
More results

Similar Description - HV6008_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6008 SUTEX-HV6008 Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
logo
Sanyo Semicon Device
LC7931D SANYO-LC7931D Datasheet
148Kb / 8P
   80-Channel Liquid-crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
   Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
   LIQUID-CRYSTAL DISPLAY DRIVER
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
   MM5483 Liquid Crystal Display Driver
logo
Panasonic Semiconductor
MN83876A PANASONIC-MN83876A Datasheet
28Kb / 3P
   Liquid Crystal Display Panel Source Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com