Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4602BIMSTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4602BIMSTR
Description  High Efficiency Synchronous, Step Down Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602BIMSTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4602BIMSTR Datasheet HTML 3Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 4Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 5Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 6Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 7Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 8Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 9Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 10Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Typical Characteristic (Cont.)
Current Limit Threshold Voltage
vs
Input Voltage
-310.00
-305.00
-300.00
-295.00
-290.00
-285.00
-280.00
2.533.5
4
4.555.5
Vcc (V)
TA = 25°C
Current Limit Threshold Voltage
vs
Temperature
-400.00
-350.00
-300.00
-250.00
-200.00
-40
-20
0
20406080
Temperature (°C)
Vcc = 3.3V
Sc4602A
Oscillator Internal Accuracy
vs
Input Voltage
275.000
280.000
285.000
290.000
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Sc4602A
Oscillator Internal Accuracy
vs
Temperature
270.000
275.000
280.000
285.000
290.000
295.000
300.000
-40
-20
0
2040
6080
Temperature (°C)
Vcc = 3.3V
Sc4602A
Sense Voltage
vs
Input Voltage
802.000
802.200
802.400
802.600
802.800
803.000
803.200
803.400
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Sc4602A
Sense Voltage
vs
Temperature
798.000
799.000
800.000
801.000
802.000
803.000
-40
-20
0
20
40
60
80
Temperature (°C)
Vcc = 3.3V


Similar Part No. - SC4602BIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
   Very Low Input, MHz Operation, High Efficiency Synchronous Buck
More results

Similar Description - SC4602BIMSTR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com