Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV6008 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV6008
Description  32-Channel 짹40V Liquid Crystal Display Row Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV6008 Datasheet(HTML) 6 Page - Supertex, Inc

  HV6008 Datasheet HTML 1Page - Supertex, Inc HV6008 Datasheet HTML 2Page - Supertex, Inc HV6008 Datasheet HTML 3Page - Supertex, Inc HV6008 Datasheet HTML 4Page - Supertex, Inc HV6008 Datasheet HTML 5Page - Supertex, Inc HV6008 Datasheet HTML 6Page - Supertex, Inc HV6008 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Package Outline
44-Lead PQFP Package Outline (PG)
10x10mm body, 2.45mm height (max.), 0.80mm pitch
Doc. #: DSPD-44PQFPPG
A082707
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
-
0.25
1.95
0.30
13.65
9.80
13.65
9.80
0.80
BSC
0.73
1.95
REF
0.25
BSC
3.5O
5O
NOM
-
-
2.00
-
13.90
10.00
13.90
10.00
0.88
-
-
MAX
2.45
-
2.10
0.45
14.15
10.20
14.15
10.20
1.03
7O
16O
JEDEC Registration M0-112, Variation AA-2, Issue B, Sep.1995.
Drawings not to scale.
Note 1:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.
1
48
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
Seating
Plane
Top View
D
D1
E
E1
b
e
Side View
A2
A
A1
Note 1
(Index Area
D1/4 x E1/4)


Similar Part No. - HV6008

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6008 SUTEX-HV6008 Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008DJ SUTEX-HV6008DJ Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008PG SUTEX-HV6008PG Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008PJ SUTEX-HV6008PJ Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008X SUTEX-HV6008X Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
More results

Similar Description - HV6008

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6008 SUTEX-HV6008 Datasheet
467Kb / 5P
   32-Channel 짹40V Liquid Crystal Display Row Driver
logo
Sanyo Semicon Device
LC7931D SANYO-LC7931D Datasheet
148Kb / 8P
   80-Channel Liquid-crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
   Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
   Liquid Crystal Display Driver
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
   Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
   LIQUID-CRYSTAL DISPLAY DRIVER
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
[Old version datasheet]   Liquid Crystal Display Driver
logo
National Semiconductor ...
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
   MM5483 Liquid Crystal Display Driver
logo
Panasonic Semiconductor
MN83876A PANASONIC-MN83876A Datasheet
28Kb / 3P
   Liquid Crystal Display Panel Source Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com