Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9110 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9110
Description  High-Voltage Current-Mode PWM Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9110 Datasheet(HTML) 6 Page - Supertex, Inc

  HV9110 Datasheet HTML 1Page - Supertex, Inc HV9110 Datasheet HTML 2Page - Supertex, Inc HV9110 Datasheet HTML 3Page - Supertex, Inc HV9110 Datasheet HTML 4Page - Supertex, Inc HV9110 Datasheet HTML 5Page - Supertex, Inc HV9110 Datasheet HTML 6Page - Supertex, Inc HV9110 Datasheet HTML 7Page - Supertex, Inc HV9110 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV9110
Test Circuits
Detailed Description
Preregulator
The preregulator/startup circuit for the HV9110 consists of
a high-voltage n-channel depletion-mode DMOS transis-
tor driven by an error amplifier to form a variable current
path between the VIN terminal and the VDD terminal. The
maximum current (about 20 mA) occurs when V
DD = 0, with
current reducing as V
DD rises. This path shuts off altogether
when V
DD rises to somewhere between 7.8 and 9.4V, so that
if V
DD is held at 10 or 12V by an external source(generally the
supply the chip is controlling). No current other than leakage
is drawn through the high voltage transistor. This minimizes
dissipation.
An external capacitor between VDD and VSS is generally
required to store energy used by the chip in the time be-
tween shutoff of the high voltage path and the VDD supply’s
output rising enough to take over powering the chip. This
capacitor should have a value of 100X or more the effective
gate capacitance of the MOSFET being driven, i.e.,
C
STORAGE ≥ 100 x (gate charge of FET at 10V ÷ 10V)
as well as very good high frequency characteristics. Stacked
polyester or ceramic caps work well. Electrolytic capacitors
are generally not suitable.
A common resistor divider string is used to monitor V
DD for
both the under voltage lockout circuit and the shutoff circuit
of the high voltage FET. Setting the under voltage sense
point about 0.6V lower on the string than the FET shutoff
point guarantees that the under voltage lockout always re-
leases before the FET shuts off.
Bias Circuit
An external bias resistor, connected between the BIAS pin
and VSS is required by the HV9110 to set currents in a se-
ries of current mirrors used by the analog sections of the
chip. The nominal external bias current requirement is 15 to
20µA, which can be set by a 390KΩ to 510KΩ resistor if a
10V V
DD is used, or a 510kΩ
to 680KΩ resistor if V
DD will be
12V. A precision resistor is not required; ± 5% is fine.
Clock Oscillator
The clock oscillator of the HV9110 consists of a ring of CMOS
inverters, timing capacitors, a capacitor discharge FET, and,
in the 50% maximum duty cycle versions, a frequency divid-
ing flip-flop. A single external resistor between the OSC IN
and OSC OUT is required to set the oscillator frequency (see
graph). For the 50% maximum duty cycle versions the Dis-
charge pin is internally connected to GND. For the 99% duty
cycle version, the Discharge pin can either be connected to
VSS directly or connected to VSS through a resistor used
to set a deadtime. One major difference exists between the
Supertex HV9110 and competitive 9110’s. On the Supertex
part, the oscillator is shut off when a shutoff command is re-
ceived. This saves about 150µA of quiescent current, which
aids in the construction of power supplies that meet CCITT
specification I-430, and in other situations where an abso-
lute minimum of quiescent power dissipation is required.
+
Reference
V
1
V
2
0.1V swept 10Hz – 1MHz
0.1
µF
10.0V
4.00V
100K1%
100K1%
PSRR
+
Reference
V
1
V
2
60.4K
40.2K
1.0V swept 100Hz – 2.2MHz
Tektronix
P6021
(1 turn
secondary)
0.1
µF
+10V
(V
DD)
GND
(–V
IN)
(FB)
NOTE: Set Feedback Voltage so that
V
COMP = VDIVIDE ± 1mV before connecting transformer
Error Amp Z
OUT


Similar Part No. - HV9110

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9110NG SUTEX-HV9110NG Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9110NG-G MICROCHIP-HV9110NG-G Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9110P SUTEX-HV9110P Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
More results

Similar Description - HV9110

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com