Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9911 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9911
Description  Switch-Mode LED Driver IC with High Current Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9911 Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV9911_06 Datasheet HTML 2Page - Supertex, Inc HV9911_06 Datasheet HTML 3Page - Supertex, Inc HV9911_06 Datasheet HTML 4Page - Supertex, Inc HV9911_06 Datasheet HTML 5Page - Supertex, Inc HV9911_06 Datasheet HTML 6Page - Supertex, Inc HV9911_06 Datasheet HTML 7Page - Supertex, Inc HV9911_06 Datasheet HTML 8Page - Supertex, Inc HV9911_06 Datasheet HTML 9Page - Supertex, Inc HV9911_06 Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
HV9911
Pin #
Pin
Description
1V
IN
This pin is the input of a 250V high voltage regulator.
2V
DD
This is a power supply pin for all internal circuits. It must be bypassed with a low ESR capacitor to
GND (at least 0.1uF).
3
GATE
This pin is the output gate driver for an external N-channel power MOSFET.
4
GND
Ground return for all circuits. This pin must be connected to the return path from the input.
5CS
This pin is used to sense the drain current of the external power FET. It includes a built-in 100ns
(min) blanking time.
6SC
Slope compensation for current sense. A resistor between SC and GND will program the slope
compensation. In case of constant off-time mode of operation, slope compensation is unnecessary
and the pin can be left open.
7R
T
This pin sets the frequency or the off-time of the power circuit. A resistor between RT and GND will
program the circuit in constant frequency mode. A resistor between RT and GATE will program the
circuit in a constant off-time mode.
8
SYNC
This I/O pin may be connected to the SYNC pin of other HV9911 circuits and will cause the oscillators
to lock to the highest frequency oscillator.
9C
LIM
This pin provides a programmable input current limit for the converter. The current limit can be set by
using a resistor divider from the REF pin. Soft start can also be provided using this pin.
10
REF
This pin provides 2% accurate reference voltage. It must be bypassed with at least a 10nF - 0.22µF
capacitor to GND.
11
FAULT
This pin is pulled to ground when there is an output short circuit condition or output over voltage
condition. This pin can be used to drive an external MOSFET in the case of boost converters to
disconnect the load from the source.
12
OVP
This pin provides the over voltage protection for the converter. When the voltage at this pin exceeds
1.25V, the gate output of the HV9911 is turned off and FAULT goes low. The IC will turn on when
the power is recycled.
13
PWMD
When this pin is pulled to GND (or left open), switching of the HV9911 is disabled. When an external
TTL high level is applied to it, switching will resume.
14
COMP
Stable Closed loop control can be accomplished by connecting a compensation network between
COMP and GND.
15
I
REF
The voltage at this pin sets the output current level. The current reference can be set using a resistor
divider from the REF pin.
16
FDBK
This pin provides output current feedback to the HV9911 by using a current sense resistor.
Pin Description


Similar Part No. - HV9911_06

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
More results

Similar Description - HV9911_06

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com