Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9911 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9911
Description  Switch-Mode LED Driver IC with High Current Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9911 Datasheet(HTML) 4 Page - Supertex, Inc

  HV9911 Datasheet HTML 1Page - Supertex, Inc HV9911 Datasheet HTML 2Page - Supertex, Inc HV9911 Datasheet HTML 3Page - Supertex, Inc HV9911 Datasheet HTML 4Page - Supertex, Inc HV9911 Datasheet HTML 5Page - Supertex, Inc HV9911 Datasheet HTML 6Page - Supertex, Inc HV9911 Datasheet HTML 7Page - Supertex, Inc HV9911 Datasheet HTML 8Page - Supertex, Inc HV9911 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
HV9911
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Input
V
INDC
Input DC supply voltage range*
(1)
-
250
V
DC input voltage
I
INSD
Shut-down mode supply current*
-
1.0
1.5
mA
PWMD connected to GND, V
IN = 24V
Internal Regulator
V
DD
Internally regulated voltage*
7.25
7.75
8.25
V
V
IN = 9–250V, IDD(ext) = 0,
PWMD connected to GND
UVLO
V
DD undervoltage lockout
threshold
6.65
6.90
7.20
V
V
DD
rising
∆UVLO
V
DD undervoltage lockout
hysteresis
-
500
-
mV
---
V
DD(ext)
Steady state external voltage that
can be applied at the V
DD pin
2
-
-
12
V
---
Reference
V
REF
REF pin voltage
(0°C < T
A < 25°C)
1.225
1.25
1.275
V
REF bypassed with a 0.1µF capacitor
to GND; I
REF= 0; VDD = 7.75V;
PWMD = GND
REF pin voltage
(-40°C < T
A < 85°C)
1.2125
1.25
1.275
V
REFLINE
Line regulation of reference
voltage
0
-
20
mV
REF bypassed with a 0.1µF capacitor
to GND; I
REF = 0; VDD = 7.25 – 12V;
PWMD = GND
V
REFLOAD
Load regulation of reference
voltage
0-
10
mV
REF bypassed with a 0.1µF
capacitor to GND; I
REF = 0-500µ;
PWMD = GND
PWM Dimming
V
PWMD(lo)
PWMD input low voltage*
-
-
0.80
V
V
DD = 7.25V – 12V
V
PWMD(hi)
PWMD input high voltage*
2.0
-
-
V
V
DD = 7.25V – 12V
R
PWMD
PWMD pull-down resistance
50
100
150
kΩ
V
PWMD = 5.0V
GATE
I
SOURCE
GATE short circuit current
0.2
-
-
AV
GATE = 0V; VDD = 7.75V
I
SINK
GATE sinking current
0.4
-
-
A
V
GATE = 7.75V ; VDD = 7.75V
T
RISE
GATE output rise time
-
50
85
ns
C
GATE = 1nF; VDD = 7.75V
T
FALL
GATE output fall time
-
25
45
ns
C
GATE = 1nF; VDD = 7.75V
Over Voltage Protection
V
OVP
IC shut down voltage*
1.215
1.25
1.285
V
V
DD = 7.25 – 12V ; OVP rising
Current Sense
T
BLANK
Leading edge blanking
100
-
375
ns
---
T
DELAY1
Delay to output of COMP comparator
-
-
180
ns
COMP = V
DD ; CLIM = REF;
V
CS = 0 to 600mV step
Electrical Characteristics
(Over recommended operating conditions. V
IN = 24V, TA = 25°C, unless otherwise specified)


Similar Part No. - HV9911

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911NG-G SUTEX-HV9911NG-G Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
HV9911NG-G SUTEX-HV9911NG-G Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
More results

Similar Description - HV9911

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com