Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9911NG-G Datasheet(PDF) 11 Page - Supertex, Inc

Part # HV9911NG-G
Description  Switch-Mode LED Driver IC with High Current Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9911NG-G Datasheet(HTML) 11 Page - Supertex, Inc

Back Button HV9911NG-G Datasheet HTML 6Page - Supertex, Inc HV9911NG-G Datasheet HTML 7Page - Supertex, Inc HV9911NG-G Datasheet HTML 8Page - Supertex, Inc HV9911NG-G Datasheet HTML 9Page - Supertex, Inc HV9911NG-G Datasheet HTML 10Page - Supertex, Inc HV9911NG-G Datasheet HTML 11Page - Supertex, Inc HV9911NG-G Datasheet HTML 12Page - Supertex, Inc HV9911NG-G Datasheet HTML 13Page - Supertex, Inc HV9911NG-G Datasheet HTML 14Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
HV9911
Note: The maximum current that can be sourced out of the
SC pin is limited to 100µA. This limits the minimum value
of the R
SLOPE
resistor to 25kΩ. If the equation for slope
compensation produces a value of R
SLOPE
less than this
value, then R
SC would have to be increased accordingly. It
is recommended that R
SLOPE be chosen in the range of 25kΩ
- 50kΩ.
Current Sense
The current sense input of the HV9911 includes a built in
100ns (minimum) blanking time to prevent spurious turn off
due to the initial current spike when the FET turns on.
The HV9911 includes two high-speed comparators – one is
used during normal operation and the other is used to limit
the maximum input current during input under voltage or
overload conditions.
The IC includes an internal resistor divider network, which
steps down the voltage at the COMP pin by a factor of
15. This stepped-down voltage is given to one of the
comparators as the current reference. The reference to the
other comparator, which acts to limit the maximum inductor
current, is given externally.
It is recommended that the sense resistor R
CS be chosen so
as to provide about 250mV current sense signal.
Current Limit
Current limit has to be set by a resistor divider from the
1.25V reference available on the IC. Assuming a maximum
operating inductor current I
pk (including the ripple current),
the voltage at the C
LIM pin can be set as:
Note that this equation assumes a current limit at 120%
of the maximum input current. Also, if V
CLIM is greater than
450mV, the saturation of the internal opamp will determine
the limit on the input current rather than the C
LIM pin. In such
a case, the sense resistor R
CS should be reduced till VCLIM
reduces below 450mV.
It is recommended that no capacitor be connected between
C
LIM and GND. If necessary, the capacitor value must be
chosen to be less than 1000pF.
FAULT Protection
The HV9911 has built-in output over-voltage protection
and output short circuit protection. Both protection features
are latched, which means that the power to the IC must
be recycled to reset the IC. The IC also includes a FAULT
pin which goes low during any fault condition. At startup, a
monoshot circuit, (triggered by the POR circuit), resets an
internal flip-flop which causes FAULT to go high, and remains
high during normal operation. This also allows the gate drive
to function normally. This pin can be used to drive an external
disconnect switch (Q2 in the Typical Boost Application
Circuit on pg.1), which will disconnect the load during a
fault condition. This disconnect switch is very important in a
boost converter, as turning off the switching FET (Q
1) during
an output short circuit condition will not remove the fault (Q
1
is not in the path of the fault current). The disconnect switch
will help to disconnect the shorted load from the input.
Over Voltage Protection
Over voltage protection is achieved by connecting the output
voltage to the OVP pin through a resistive divider. The voltage
at the OVP pin is constantly compared to the internal 1.25V.
When the voltage at this pin exceeds 1.25V, the IC is turned
off and FAULT goes low.
Output Short Circuit Protection
The output short circuit condition is indicated by FAULT. At
startup, a monoshot circuit, (triggered by the POR circuit),
resets an internal flip-flop, which causes FAULT to go high,
and remains high during normal operation. This also allows
the gate drive to function normally.
The steady state current is reflected in the reference
voltage connected to the transconductance amplifier. The
instantaneous output current is sensed from the FDBK
terminal of the amplifier. The short circuit threshold current is
internally set to 200% of the steady state current.
During short circuit condition, when the current exceeds the
internally set threshold, the SR flip-flop is set and FAULT
goes low. At the same time, the gate driver of the power FET
is inhibited, providing a latching protection. The system can
be reset by cycling the input voltage to the IC.
Note: The short circuit FET should be connected before the
current sense resistor as reversing R
S and Q2 will affect the
accuracy of the output current (due to the additional voltage
drop across Q
2 which will be sensed).
Synchronization
The SYNC pin is an input/output (I/O) port to a fault tolerant
peer-to-peer and/or master clock synchronization circuit.
For synchronization, the SYNC pins of multiple HV9911
based converters can be connected together, and may also
be connected to the open drain output of a master clock.
When connected in this manner, the oscillators will lock
to the device with the highest operating frequency. When
synchronizing multiple ICs, it is recommended that the same
VCLIM ≥ 1.2 • IPK • RCS +
• 0.9
5 • RSC
RSLOPE


Similar Part No. - HV9911NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911NG-G SUTEX-HV9911NG-G Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
HV9911NG-G SUTEX-HV9911NG-G Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
More results

Similar Description - HV9911NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com