Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF561SBBZ6002 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-BF561SBBZ6002
Description  Blackfin짰 Embedded Symmetric Multiprocessor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF561SBBZ6002 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-BF561SBBZ6002 Datasheet HTML 7Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 8Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 9Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 10Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 11Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 12Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 13Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 14Page - Analog Devices ADSP-BF561SBBZ6002 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ADSP-BF561
Rev. B
|
Page 11 of 64
|
June 2007
Output Mode
Output mode is used for transmitting video or other data with
up to three output frame syncs. Typically, a single frame sync is
appropriate for data converter applications, whereas two or
three frame syncs could be used for sending video with hard-
ware signaling.
ITU-R 656 Mode Descriptions
The ITU-R 656 modes of the PPI are intended to suit a wide
variety of video capture, processing, and transmission applica-
tions. Three distinct submodes are supported:
• Active video only mode
• Vertical blanking only mode
• Entire field mode
Active Video Only Mode
Active video only mode is used when only the active video por-
tion of a field is of interest and not any of the blanking intervals.
The PPI does not read in any data between the end of active
video (EAV) and start of active video (SAV) preamble symbols,
or any data present during the vertical blanking intervals. In this
mode, the control byte sequences are not stored to memory;
they are filtered by the PPI. After synchronizing to the start of
Field 1, the PPI ignores incoming samples until it sees an SAV
code. The user specifies the number of active video lines per
frame (in the PPI_COUNT register).
Vertical Blanking Interval Mode
In this mode, the PPI only transfers vertical blanking interval
(VBI) data.
Entire Field Mode
In this mode, the entire incoming bit stream is read in through
the PPI. This includes active video, control preamble sequences,
and ancillary data that may be embedded in horizontal and ver-
tical blanking intervals. Data transfer starts immediately after
synchronization to Field 1.
DYNAMIC POWER MANAGEMENT
The ADSP-BF561 provides four power management modes and
one power management state, each with a different perfor-
mance/power profile. In addition, dynamic power management
provides the control functions to dynamically alter the proces-
sor core supply voltage, further reducing power dissipation.
Control of clocking to each of the ADSP-BF561 peripherals also
reduces power consumption. See Table 3 for a summary of the
power settings for each mode.
Full-On Operating Mode—Maximum Performance
In the full-on mode, the PLL is enabled and is not bypassed,
providing capability for maximum operational frequency. This
is the default execution state in which maximum performance
can be achieved. The processor cores and all enabled peripherals
run at full speed.
Active Operating Mode—Moderate Power Savings
In the active mode, the PLL is enabled but bypassed. Because the
PLL is bypassed, the processor’s core clock (CCLK) and system
clock (SCLK) run at the input clock (CLKIN) frequency. In this
mode, the CLKIN to CCLK multiplier ratio can be changed,
although the changes are not realized until the full-on mode is
entered. DMA access is available to appropriately configured L1
and L2 memories.
In the active mode, it is possible to disable the PLL through the
PLL control register (PLL_CTL). If disabled, the PLL must be
re-enabled before transitioning to the full-on or sleep modes.
Sleep Operating Mode—High Dynamic Power Savings
The sleep mode reduces power dissipation by disabling the
clock to the processor core (CCLK). The PLL and system clock
(SCLK), however, continue to operate in this mode. Typically an
external event will wake up the processor. When in the sleep
mode, assertion of wakeup will cause the processor to sense the
value of the BYPASS bit in the PLL control register (PLL_CTL).
When in the sleep mode, system DMA access is only available to
external memory, not to L1 or on-chip L2 memory.
Deep Sleep Operating Mode—Maximum Dynamic Power
Savings
The deep sleep mode maximizes power savings by disabling the
clocks to the processor cores (CCLK) and to all synchronous
peripherals (SCLK). Asynchronous peripherals will not be able
to access internal resources or external memory. This powered-
down mode can only be exited by assertion of the reset interrupt
(RESET). If BYPASS is disabled, the processor will transition to
the full-on mode. If BYPASS is enabled, the processor will tran-
sition to the active mode.
Hibernate State—Maximum Static Power Savings
The hibernate state maximizes static power savings by disabling
the voltage and clocks to the processor core (CCLK) and to all
the synchronous peripherals (SCLK). The internal voltage regu-
lator for the processor can be shut off by writing b#00 to the
FREQ bits of the VR_CTL register. This disables both CCLK
and SCLK. Furthermore, it sets the internal power supply volt-
age (V
DDINT) to 0 V to provide the lowest static power dissipation.
Any critical information stored internally (memory contents,
register contents, etc.) must be written to a nonvolatile storage
device prior to removing power if the processor state is to be
Table 3. Power Settings
Mode/State PLL
PLL
Bypassed
Core
Clock
(CCLK)
System
Clock
(SCLK)
Core
Power
Full-On
Enabled
No
Enabled Enabled On
Active
Enabled/
Disabled
Yes
Enabled Enabled On
Sleep
Enabled
Disabled Enabled On
Deep Sleep
Disabled –
Disabled Disabled On
Hibernate
Disabled –
Disabled Disabled Off


Similar Part No. - ADSP-BF561SBBZ6002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SBBZ600 AD-ADSP-BF561SBBZ600 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF561SBBZ600 AD-ADSP-BF561SBBZ600 Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
More results

Similar Description - ADSP-BF561SBBZ6002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SKBCZ-6V AD-ADSP-BF561SKBCZ-6V Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF538 AD-ADSP-BF538_07 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF531 AD-ADSP-BF531_07 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
Analog Devices
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Analog Devices
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com