Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL34-6.8 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # TGL34-6.8
Description  Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TGL34-6.8 Datasheet(HTML) 3 Page - Diotec Semiconductor

  TGL34-6.8_07 Datasheet HTML 1Page - Diotec Semiconductor TGL34-6.8_07 Datasheet HTML 2Page - Diotec Semiconductor TGL34-6.8_07 Datasheet HTML 3Page - Diotec Semiconductor TGL34-6.8_07 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TGL34-6.8 ... TGL34-200CA
Maximum ratings
Grenzwerte
Type
Typ
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VBR [V]
VWM [V]
ID [µA]
VC [V]
IPPM [A]
TGL34-43
43 ± 10%
38.7...47.3
34.8
5
61.9
2.4
TGL34-43A
43 ± 5%
40.9...45.2
36.8
5
59.3
2.5
TGL34-47
47 ± 10%
42.3...51.7
38.1
5
67.8
2.2
TGL34-47A
47 ± 5%
44.7...49.4
40.2
5
64.8
2.3
TGL34-51
51 ± 10%
45.9...56.1
41.3
5
73.5
2.0
TGL34-51A
51 ± 5%
48.5...53.6
43.6
5
70.1
2.1
TGL34-56
56 ± 10%
50.4...61.6
45.4
5
81
1.9
TGL34-56A
56 ± 5%
53.2...58.8
47.8
5
77
1.9
TGL34-62
62 ± 10%
55.8...68.8
50.2
5
89
1.7
TGL34-62A
62 ± 5%
58.9...65.1
53.0
5
85
1.8
TGL34-68
68 ± 10%
61.2...74.8
55.1
5
98
1.5
TGL34-68A
68 ± 5%
64.6...71.4
58.1
5
92
1.6
TGL34-75
75 ± 10%
67.5...82.5
60.7
5
108
1.4
TGL34-75A
75 ± 5%
71.3...78.8
64.1
5
103
1.5
TGL34-82
82 ± 10%
73.8...90.2
66.4
5
118
1.3
TGL34-82A
82 ± 5%
77.9...86.1
70.1
5
113
1.3
TGL34-91
91 ± 10%
81.9...100
73.7
5
131
1.1
TGL34-91A
91 ± 5%
86.5...95.5
77.8
5
125
1.2
TGL34-100
100 ± 10%
90.0...110
81.0
5
144
1.0
TGL34-100A
100 ± 5%
95.0...105
85.5
5
137
1.1
TGL34-110
110 ± 10%
99.0...121
89.2
5
158
0.9
TGL34-110A
110 ± 5%
105...116
94.0
5
152
1.0
TGL34-120
120 ± 10%
108...132
97.2
5
173
0.9
TGL34-120A
120 ± 5%
114...126
102
5
165
0.9
TGL34-130
130 ± 10%
117...143
105
5
187
0.8
TGL34-130A
130 ± 5%
124...137
111
5
179
0.8
TGL34-150
150 ± 10%
135...165
121
5
215
0.7
TGL34-150A
150 ± 5%
143...158
128
5
207
0.7
TGL34-160
160 ± 10%
144...176
130
5
230
0.7
TGL34-160A
160 ± 5%
152...168
136
5
219
0.7
TGL34-170
170 ± 10%
153...187
138
5
244
0.6
TGL34-170A
170 ± 5%
162...179
145
5
234
0.6
TGL34-180
180 ± 10%
162...198
146
5
258
0.6
TGL34-180A
180 ± 5%
171...189
154
5
246
0.6
TGL34-200
200 ± 10%
180...220
162
5
287
0.5
TGL34-200A
200 ± 5%
190...210
171
5
274
0.5
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die elektrischen Werte in beiden Richtungen.
© Diotec Semiconductor AG
http://www.diotec.com/
3


Similar Part No. - TGL34-6.8_07

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL34-6.8A DIOTEC-TGL34-6.8A Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8A DIOTEC-TGL34-6.8A Datasheet
121Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
TGL34-6.8A LUGUANG-TGL34-6.8A Datasheet
354Kb / 4P
   Surface Mount Unidirectional and Bidirectional TVS
logo
Diotec Semiconductor
TGL34-6.8A DIOTEC-TGL34-6.8A Datasheet
165Kb / 4P
   SMD Transient Voltage Suppressor Diodes
TGL34-6.8A DIOTEC-TGL34-6.8A Datasheet
169Kb / 4P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - TGL34-6.8_07

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_11 Datasheet
145Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_07 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com