Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9931LG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9931LG-G
Description  HV9931 Unity Power Factor LED Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9931LG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV9931LG-G Datasheet HTML 1Page - Supertex, Inc HV9931LG-G Datasheet HTML 2Page - Supertex, Inc HV9931LG-G Datasheet HTML 3Page - Supertex, Inc HV9931LG-G Datasheet HTML 4Page - Supertex, Inc HV9931LG-G Datasheet HTML 5Page - Supertex, Inc HV9931LG-G Datasheet HTML 6Page - Supertex, Inc HV9931LG-G Datasheet HTML 7Page - Supertex, Inc HV9931LG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV9931
Ordering Information
DEVICE
Package Options
8-Lead SOIC (Narrow Body)
HV9931
HV9931LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
IN to GND
-0.5V to +470V
V
DD to GND
-0.3V to +13.5V
CS1, CS2 to GND
-0.3V to V
DD + 0.3V
PWMD to GND
-0.3V to (V
DD + 0.3V)
GATE to GND
-0.3V to (V
DD + 0.3V)
Continuous Power Dissipation (T
A = +25°C)
Also limited by package power dissipation limit, whichever is lower.
8-Lead SOIC (derate 9mW/°C
above +25°C)
900mW
Operating temperature range
-40°C to +85°C
Junction temperature
+125°C
Storage temperature range
-65°C to +150°C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Input
V
INDC
Input DC supply voltage range*
8
-
450
V
DC input voltage
I
INSD
Shut-down mode supply
current*
-
0.5
1
mA
PWMD connected to GND, V
IN = 12V
Internal Regulator
V
DD
Internally regulated voltage*
7.12
7.5
7.88
V
V
IN = 8, IDD(ext) = 0, PWMD = VDD,
C
GATE = 500pF
V
DD, line
Line regulation of V
DD
0-
1
V
V
IN = 8 - 450V, IDD(ext) = 0, 500pF at
GATE; R
T = 226kΩ, PWMD = VDD
V
DD, load
Load regulation of V
DD
0-
100
mV
I
DD(ext) = 0 – 1mA, 500pF at GATE;
R
T = 226kΩ, PWMD = VDD
UVLO
V
DD undervoltage lockout
threshold
6.45
6.7
6.95
V
V
IN rising
∆UVLO
V
DD undervoltage lockout
hysteresis
-
500
-
mV
---
Electrical Characteristics
(The * denotes the specifications which apply over the full operating junction temperature range of -40°C < T
A < +85°C, otherwise the specifications are
at T
A = 25°C, VIN = 12V, unless otherwise noted)
Stresses beyond those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
VIN
GATE
CS1
RT
GND
VDD
PWMD
CS2
1
2
3
4
8
7
6
5
HV9931
8-Lead SOIC
Pin Configuration
Product Marking
8-Lead SOIC
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
H9931
LLLL


Similar Part No. - HV9931LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9931LG-G SUTEX-HV9931LG-G Datasheet
512Kb / 7P
   HV9931 Unity Power Factor LED Lamp Driver
More results

Similar Description - HV9931LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9931 SUTEX-HV9931_08 Datasheet
512Kb / 7P
   HV9931 Unity Power Factor LED Lamp Driver
logo
First Silicon Co., Ltd
FC9931 FS-FC9931 Datasheet
427Kb / 6P
   Unity Power Factor LED Lamp Driver
logo
Supertex, Inc
HV9931 SUTEX-HV9931 Datasheet
516Kb / 7P
   UNITY POWER FACTOR LED LAMP DRIVER
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
   Unity power factor
AIT02ZPFC-01NL EMERSON-NETWORKPOWER-AIT02ZPFC-01NL Datasheet
83Kb / 2P
   Unity power factor
logo
Princeton Technology Co...
PT6909 PTC-PT6909 Datasheet
177Kb / 4P
   Power Factor Correction LED Driver
PT6909 PTC-PT6909_10 Datasheet
514Kb / 8P
   Power Factor Correction LED Driver
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
   Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com