Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV57009 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 8 Page - Supertex, Inc

  HV57009 Datasheet HTML 1Page - Supertex, Inc HV57009 Datasheet HTML 2Page - Supertex, Inc HV57009 Datasheet HTML 3Page - Supertex, Inc HV57009 Datasheet HTML 4Page - Supertex, Inc HV57009 Datasheet HTML 5Page - Supertex, Inc HV57009 Datasheet HTML 6Page - Supertex, Inc HV57009 Datasheet HTML 7Page - Supertex, Inc HV57009 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
HV57009
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV57009
A040907
80-Lead PQFP Package Outline (PG)
20x14mm body, 0.80mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
2.80
0.25
2.55
0.30
23.65
19.80
17.65
13.80
0.80
BSC
0.73
1.95
REF
0.25
BSC
0O
5O
NOM
-
-
2.80
-
23.90
20.00
17.90
14.00
0.88
3.5O
-
MAX
3.40
-
3.05
0.45
24.15
20.20
18.15
14.20
1.03
7O
16O
JEDEC Registration MO-112, Variation CB-1, Issue B, Sept.1995.
Drawings not to scale.
Note 1:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.
1
80
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
θ1
b
e
Side View
A2
A
A1
E
E1
D
D1
Seating
Plane
Top View
Note 1
(Index Area
D1/4 x E1/4)


Similar Part No. - HV57009

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57009 SUTEX-HV57009 Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009DG SUTEX-HV57009DG Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009PG SUTEX-HV57009PG Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009PG-G SUTEX-HV57009PG-G Datasheet
766Kb / 8P
   64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
HV57009X SUTEX-HV57009X Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
More results

Similar Description - HV57009

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57009 SUTEX-HV57009 Datasheet
486Kb / 7P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
HV57009 SUTEX-HV57009_13 Datasheet
766Kb / 8P
   64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
HV4937 SUTEX-HV4937 Datasheet
34Kb / 5P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Outputs
HV3137 SUTEX-HV3137 Datasheet
447Kb / 5P
   64-Channel Serial To Parallel Converter With Open Drain Outputs
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
   32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV4530 SUTEX-HV4530 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
HV4522PJ-G SUTEX-HV4522PJ-G Datasheet
628Kb / 6P
   32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com