Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV21816X Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV21816X
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV21816X Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV21816X Datasheet HTML 2Page - Supertex, Inc HV21816X Datasheet HTML 3Page - Supertex, Inc HV21816X Datasheet HTML 4Page - Supertex, Inc HV21816X Datasheet HTML 5Page - Supertex, Inc HV21816X Datasheet HTML 6Page - Supertex, Inc HV21816X Datasheet HTML 7Page - Supertex, Inc HV21816X Datasheet HTML 8Page - Supertex, Inc HV21816X Datasheet HTML 9Page - Supertex, Inc HV21816X Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
13-75
13
13
V
PP
– V
NN
160V
HV2216P
HV2216PJ
HV2216X
HV2216
8-Channel High Voltage Analog Switch
Package Options
Ordering Information
Absolute Maximum Ratings*
V
DD Logic power supply voltage
-0.5V to +18V
V
PP - VNN Supply voltage
174V
V
PP Positive high voltage supply
-0.5V to +160V
V
NN Negative high voltage supply
+0.5V to -160V
Logic input voltages
-0.5V to V
DD +0.3V
Analog Signal Range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to +150°C
Power dissipation
1.2W
* Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.
28-pin
28-lead plastic
Die
plastic DIP
chip carrier
General Description
Not recommended for new designs. Please use HV20220 for
all new designs.
This device is an 8-channel high-voltage analog switch inte-
grated circuit (IC) intended for use in applications requiring high
voltage switching controlled by low voltage control signals, such
as ultrasound imaging and printers. Input data is shifted into an
8-bit shift register which can then be retained in an 8-bit latch. To
reduce any possible clock feedthrough noise, Latch Enable (LE)
should be left high until all bits are clocked in. Using HVCMOS
technology, this switch combines high voltage bilateral DMOS
switches and low power CMOS logic to provide efficient control
of high voltage analog signals.
This IC is suitable for various combinations of high voltage
supplies, e.g., for HV2216 +40V/-120V, or +80V/-80V or +150V/
-10V.
Features
HVCMOS® technology for high performance
Very low quiescent power dissipation – 10µA
Output On-resistance typically 22 ohms
Low parasitic capacitances
DC to 10MHz analog signal frequency
-50dB typical output off isolation at 5MHz
CMOS logic circuitry for low power
Excellent noise immunity
On-chip shift register, latch and clear logic circuitry
Flexible high voltage supplies
Surface mount package available


Similar Part No. - HV21816X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2116 SUTEX-HV2116 Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
HV2116PJ SUTEX-HV2116PJ Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
HV2116X SUTEX-HV2116X Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
HV214 SUTEX-HV214 Datasheet
61Kb / 7P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214 SUTEX-HV214 Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV21816X

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com