Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZ1083 Datasheet(PDF) 1 Page - Semtech Corporation

Part # EZ1083
Description  7.5A Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1083 Datasheet(HTML) 1 Page - Semtech Corporation

  EZ1083_05 Datasheet HTML 1Page - Semtech Corporation EZ1083_05 Datasheet HTML 2Page - Semtech Corporation EZ1083_05 Datasheet HTML 3Page - Semtech Corporation EZ1083_05 Datasheet HTML 4Page - Semtech Corporation EZ1083_05 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.semtech.com
EZ1083
7.5A Positive
Voltage Regulator
POWER MANAGEMENT
Revision: December 21, 2005
The EZ1083 is a high performance positive voltage
regulator designed for use in applications requiring low
dropout performance at 7.5A. Additionally, the EZ1083
series provides excellent regulation over variations in line,
load and temperature.
Features include 1.4V dropout at 7.5 amps, fast
transient response, internal current limiting and thermal
shutdown protection of the output device. The EZ1083
has both fixed and adjustable voltage options. These
devices are available in the popular TO-220 package.
The EZ1083 is used in industrial systems to provide power
to microprocessors and chipsets. It is also used to power
ASICs in control systems for medical applications.
Low dropout performance: 1.4V max. for EZ1083
Full current rating over line and temperature
Fast transient response
Adjust pin current max 90µA over temperature
Fixed/adjustable output voltage (EZ1083)
Line regulation typically 0.015%
Load regulation typically 0.05%
±2% total output regulation over line, load
and temperature
TO-220 package. Available in WEEE and RoHS
compliant package
PC Motherboards
Microcontroller systems
Medical equipment
Low power microprocessor systems
Post regulation for switching power supplies
Telecommunication systems
Description
Features
Applications
Fixed Voltage Regulator
Adjustable Voltage Regulator
Typical Application Circuit
VIN > 4.75V
VOUT = 3.45V
VOUT = 3.3V
VIN > 4.75V
U1
EZ1083
1
2
3
ADJ
OUT
IN
TAB
+
C2
10uF Tant. Min.
R1
133 Ohm, 1%
+
C1
10uF Tant.
U1
EZ1083-3.3
1
2
3
GND
OUT
IN
TAB
R2
232 Ohm, 1%
+
C1
10uF Tant.
+
C2
10uF Tant. Min
Notes:
(1) C1 needed if device is far from filter capacitors
(2) C2 minimum value required for stability
2
R
I
1
R
2
R
1
V
V
ADJ
REF
OUT
+
 +
=


Similar Part No. - EZ1083_05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1083B SEMTECH-EZ1083B Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1083BCT SEMTECH-EZ1083BCT Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1083CT SEMTECH-EZ1083CT Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1083CT-3.3 SEMTECH-EZ1083CT-3.3 Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - EZ1083_05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
   7.5A Low Dropout Positive Voltage Regulator
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com