Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4611 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4611
Description  Wide Input Range High Performance Synchronous Buck Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4611 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4611 Datasheet HTML 3Page - Semtech Corporation SC4611 Datasheet HTML 4Page - Semtech Corporation SC4611 Datasheet HTML 5Page - Semtech Corporation SC4611 Datasheet HTML 6Page - Semtech Corporation SC4611 Datasheet HTML 7Page - Semtech Corporation SC4611 Datasheet HTML 8Page - Semtech Corporation SC4611 Datasheet HTML 9Page - Semtech Corporation SC4611 Datasheet HTML 10Page - Semtech Corporation SC4611 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
 2004 Semtech Corp.
www.semtech.com
SC4611
POWER MANAGEMENT
Applications Information (Cont.)
O
O
O
O
OVER
VER
VER
VER
VERCURRENT PR
CURRENT PR
CURRENT PR
CURRENT PR
CURRENT PRO
O
O
O
OTECTION
TECTION
TECTION
TECTION
TECTION
SC4611 includes a precision current sense comparator for
maximum flexibility. The current feedback can be taken
either from the output inductor for lossless sensing and
better efficiency, or from a series resistor for improved
accuracy. An offset current of 1.225/R
T pulls up on the CS-
pin, providing an offset voltage across a resistance on the
input to this pin. The offset voltage should be set to > 50
mV. A voltage across the current sense resistor of greater
than this value will produce a current limit pulse. There is
30% hysteresis on the offset current. Since the offset
current into CS- is set by R
T, the current limit needs to be
adjusted if the frequency setting is changed. Note that the
operational limit for CS- and CS+ inputs is 0.5V below the
AVCC supply.
The first stage of protection against overloads is peak
current limiting on a pulse by pulse basis. Once an overload
is sensed, the high side FET is turned off and held low for
the rest of the cycle. This provides peak current limiting on
a pulse by pulse basis. The final response of the device to
a severe overload can be programmed using the CLM pin.
If the CLM pin is connected to AVCC, the hiccup mode is
enabled. A soft-start/hiccup cycle is initiated if 64 current
limit pulses are detected in any counting period of 128
oscillator cycles. The SS capacitor is discharged with a 0.6
mA sink current. There will be 3 dummy soft-starts, i.e. the
SS pin will be pulled up to 2V and then discharged to < 1V.
This will be repeated 7 times, and if the overload persists
the part will be latched off on the eighth attempt. Reset is
by recycling the input power. During the hiccups, the device
will operate in asynchronous mode, just as in the power-
up sequence.
In some cases the repeated soft start cycling may not be
desirable, depending on the nature of load. If the CLM is
taken low to AGND, the hiccup mode will be skipped. When
an overcurrent event occurs a comparator detects it and
puts out a signal into a latch counter. The counter keeps
track of the number of current-limit pulses and is reset
after every 128 oscillator cycles. If 64 current-limit pulses
are detected in any counting period of 128 cycles, the SS
pin will be pulled low. The device is latched off until power
is recycled. The CLM pin should be connected to either
AGND or AVCC at all times and should not be left open.
PO
PO
PO
PO
POWER OK MONIT
WER OK MONIT
WER OK MONIT
WER OK MONIT
WER OK MONITOR
OR
OR
OR
OR
The power OK circuitry monitors the FB input of the error
amplifier. If the voltage on this input goes above 0.55V or
below 0.45V the POK pin is pulled low. The POK is an open
drain output and is held low until the end of the startup
sequence i.e. till the SS pin reaches 2V or more.
O
O
O
O
OVER
VER
VER
VER
VERVVVVVOL
OL
OL
OL
OLTTTTTAAAAAGE AND THERMAL PR
GE AND THERMAL PR
GE AND THERMAL PR
GE AND THERMAL PR
GE AND THERMAL PRO
O
O
O
OTECTION
TECTION
TECTION
TECTION
TECTION
The overvoltage input can be connected to OVP pin with a
low reference of 0.5V. If this feedback exceeds the
reference the low side FET is continuously gated on to
crowbar the input VIN. This feature may be used to protect
the load from possible overvoltage in case the high side
FET fails and shorts. The crowbar current in the power
devices is limited only by the source of VIN.
SC4611 also incorporates thermal protection. If the chip
temperature exceeds approximately 150 Deg C, the outputs
are shutdown.
ERR
ERR
ERR
ERR
ERROR AMPLIFIER DESIGN
OR AMPLIFIER DESIGN
OR AMPLIFIER DESIGN
OR AMPLIFIER DESIGN
OR AMPLIFIER DESIGN
SC4611 is a voltage mode buck controller that utilizes an
externally compensated high bandwidth error amplifier to
regulate output voltage. The power stage of the
synchronous rectified buck converter control-to-output
transfer function is as shown below:
where,
V
IN – Input voltage
R
L – Load resistance
L – Output inductance
C – Output capacitance
ESR
C – Output capacitor ESR
V
S – Peak to peak ramp voltage


+
+
+
×
=
LC
s
L
R
L
s
C
C
sESR
S
V
IN
V
s
VD
G
2
1
1
)
(


Similar Part No. - SC4611

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
   EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612EVB SEMTECH-SC4612EVB Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
More results

Similar Description - SC4611

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
   High Performance Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com