Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0604 Datasheet(PDF) 6 Page - Supertex, Inc

Part # TN0604
Description  N-Channel Enhancement-Mode Vertical DMOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0604 Datasheet(HTML) 6 Page - Supertex, Inc

  TN0604_07 Datasheet HTML 1Page - Supertex, Inc TN0604_07 Datasheet HTML 2Page - Supertex, Inc TN0604_07 Datasheet HTML 3Page - Supertex, Inc TN0604_07 Datasheet HTML 4Page - Supertex, Inc TN0604_07 Datasheet HTML 5Page - Supertex, Inc TN0604_07 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
TN0604
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-TN0604
A102507
20-Lead SOW (Wide Body) Package Outline (WG)
12.80x7.50mm body, 2.65mm height (max), 1.27mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
2.15
0.10
2.05
0.31
12.60
9.97
7.40
1.27
BSC
0.25
0.40
1.40
REF
0.25
BSC
0O
5O
NOM
----
12.80
10.30
7.50
--
--
MAX
2.65
0.30
2.55
0.51
13.00
10.63
7.60
0.75
1.27
8O
15O
JEDEC Registration MS-013, Variation AC, Issue E, Sep. 2005.
Drawings not to scale.
D
Seating
Plane
Gauge
Plane
L
L1
L2
Top View
Side View
View A-A
View B
View
B
θ1
θ
E1
E
A A2
A1
A
A
Seating
Plane
e
b
h
h
20
1
Note 1
Note 1
(Index Area
0.25D x 0.75E1)
Note 1:
This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated.The Pin 1 identifier may be either
a mold, or an embedded metal or marked feature.


Similar Part No. - TN0604_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN0604N3 SUTEX-TN0604N3 Datasheet
44Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0604N3 SUTEX-TN0604N3 Datasheet
33Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0604N3-G SUTEX-TN0604N3-G Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0604N3-GP002 SUTEX-TN0604N3-GP002 Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0604N3-GP003 SUTEX-TN0604N3-GP003 Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN0604_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com