Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C20L Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  R-F Type Low Voltage 8-Bit Mask MCU
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT47C20L_05 Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20L_05 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Pin Assignment
HT47C20L
Rev. 2.30
3
December 2, 2005
2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
5 1
5 0
4 9
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2
6 4 6 3 6 2
S E G 0
S E G 1
S E G 2
S E G 3
S E G 4
S E G 5
S E G 6
S E G 7
S E G 8
S E G 9
S E G 1 0
S E G 1 1
S E G 1 2
S E G 1 3
S E G 1 4
S E G 1 5
S E G 1 6
S E G 1 7
S E G 1 8
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3 / P F D
P A 4
P A 5
P A 6
P A 7
P B 0 / I N T
P B 1
P B 2 / T M R
P B 3
N C
T E S T
N C
N C
N C
N C
V S S
H T 4 7 C 2 0 L
6 4 Q F P - A


Similar Part No. - HT47C20L_05

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C20L HOLTEK-HT47C20L Datasheet
341Kb / 55P
   8-Bit Microcontroller
More results

Similar Description - HT47C20L_05

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C10L HOLTEK-HT47C10L Datasheet
271Kb / 38P
   R-F Type Low Voltage 8-Bit Mask MCU
HT47C07L HOLTEK-HT47C07L Datasheet
3Mb / 57P
   R-F Type Low Voltage 8-bit Mask MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
   R-F Type Low Voltage 8-Bit Mask MCU
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
   8-Bit R-F Type Mask MCU
HT47R20A-1 HOLTEK-HT47R20A-1 Datasheet
314Kb / 43P
   R-F Type 8-Bit MCU
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
HT47R10A-1 HOLTEK-HT47R10A-1 Datasheet
318Kb / 43P
   R-F Type 8-Bit MCU
HT48CA6 HOLTEK-HT48CA6 Datasheet
279Kb / 31P
   8-Bit Remote Type Low Voltage Mask MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
   C/R to F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com