Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47C10-1 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT47C10-1
Description  R-F Type 8-Bit MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C10-1 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT47C10-1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C10-1 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
HT47R10A-1/HT47C10-1
Rev. 1.10
6
September 27, 2007
Functional Description
Execution Flow
The microcontroller system clock is derived from either
a crystal or an RC oscillator. The system clock is inter-
nally divided into four non-overlapping clocks. One in-
struction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute in one cycle. If an instruction
changes the program counter, two cycles are required to
complete the instruction.
Program Counter
- PC
The 10-bit program counter (PC) controls the sequence
in which the instructions stored in the program memory
are executed and its contents specify a maximum of
1024 addresses.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by 1. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call or return
from subroutine, initial reset, internal interrupt, external
interrupt or return from interrupt, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
A conditional skip is activated by instruction. Once the
condition is met, the next instruction, fetched during the
current instruction execution, is discarded and a dummy
cycle replaces it to get the proper instruction. Otherwise
it will proceed with the next instruction.
The lower byte of the program counter (PCL) is a read-
able and writeable register (06H). Moving data into the
PCL performs a short jump. The destination must be
within 256 locations.
When a control transfer takes place, an additional
dummy cycle is required.
Mode
Program Counter
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial reset
0000000000
External interrupt
0000000100
Timer/event counter interrupt
0000001000
RTC interrupt
0000001100
Skip
Program Counter+2
Loading PCL
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, call branch
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from subroutine
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*9~*0: Program counter bits
#9~#0: Instruction code bits
S9~S0: Stack register bits
@7~@0: PCL bits
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
I n s t r u c t i o n C l o c k
P C
Execution Flow


Similar Part No. - HT47C10-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C10L HOLTEK-HT47C10L Datasheet
271Kb / 38P
   R-F Type Low Voltage 8-Bit Mask MCU
More results

Similar Description - HT47C10-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1 Datasheet
314Kb / 43P
   R-F Type 8-Bit MCU
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
   R-F Type 8-Bit MCU
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
   8-Bit R-F Type Mask MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
   C/R to F Type 8-Bit OTP MCU
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
   C/R to F Type 8-Bit OTP MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
   R-F Type Low Voltage 8-Bit Mask MCU
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
   C/R to F Type 8-Bit OTP MCU
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
   C/R to F Type 8-Bit OTP MCU
HT45R38 HOLTEK-HT45R38 Datasheet
349Kb / 49P
   C/R to F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com