Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH162374MEX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LVTH162374MEX
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162374MEX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVTH162374MEX Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH162374MEX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVTH162374 Rev. 1.0.0
2
Connection Diagrams
Pin Description
FBGA Pin Assignments
Logic Symbol
Truth Tables
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = HIGH Impedance
Oo = Previous Oo before LOW-to-HIGH of CP
Pin Name
Description
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I15
Inputs
O0–O15
3-STATE Outputs
NC
No Connect
Pin Assignments for SSOP and TSSOP
Pin Assignment for FPGA
(Top Thru View)
1
2
3
4
5
6
A
O0
NC
OE1
CP1
NC
I0
B
O2
O1
NC
NC
I1
I2
C
O4
O3
VCC
VCC
I3
I4
D
O6
O5
GND
GND
I5
I6
E
O8
O7
GND
GND
I7
I8
F
O10
O9
GND
GND
I9
I10
G
O12
O11
VCC
VCC
I11
I12
H
O14
O13
NC
NC
I13
I14
J
O15
NC
OE2
CP2
NC
I15
Inputs
Outputs
CP1
OE1
I0–I7
O0–O7
L
H
H
L
L
L
L
L
X
Oo
X
H
X
Z
Inputs
Outputs
CP2
OE2
I8–I15
O8–O15
L
H
H
L
L
L
L
L
X
Oo
X
H
X
Z


Similar Part No. - 74LVTH162374MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162374MEX FAIRCHILD-74LVTH162374MEX Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
More results

Similar Description - 74LVTH162374MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374 Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVTH322374 FAIRCHILD-74LVTH322374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
74LVT16374 FAIRCHILD-74LVT16374 Datasheet
58Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com