Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R0AA-1 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT48R0AA-1
Description  Cost-Effective I/O Type 8-Bit OTP MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R0AA-1 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48R0AA-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R0AA-1 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
HT48R0AA-1
Rev. 1.10
9
July 27, 2007
With the exception of the TO and PDF flags, bits in
the status register can be altered by instructions like
most other registers. Any data written into the status
register will not change the TO or PDF flag. In addi-
tion, operations related to the status register may
give different results from those intended. The TO
flag can be affected only by a system power-up, a
WDT time-out or executing the
²CLR WDT² or
²HALT² instruction. The PDF flag can be affected
only by executing the
²HALT² or ²CLR WDT² instruc-
tion or during a system power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on entering the interrupt sequence or exe-
cuting the subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status are important and if the subroutine can cor-
rupt the status register, precautions must be taken to
save it properly.
Interrupt
The device provides an external interrupt and internal
timer/event counter interrupts. The Interrupt Control
Register (INTC;0BH) contains the interrupt control bits
to enable or disable the interrupt request flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may occur during this interval but only
the interrupt request flag is recorded. If a certain inter-
rupt requires servicing within the service routine, the
EMI bit and the corresponding bit of the INTC may be set
to allow interrupt nesting. If the stack is full, the interrupt
request will not be acknowledged, even if the related in-
terrupt is enabled, until the SP is decremented. If immedi-
ate service is desired, the stack must be prevented from
becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at a specified location in the
program memory. Only the program counter is pushed
onto the stack. If the contents of the register or status
register (STATUS) are altered by the interrupt service
program which corrupts the desired control sequence,
the contents should be saved in advance.
External interrupts are triggered by a high to low transi-
tion of the INT and the related interrupt request flag (EIF;
bit 4 of the INTC) will be set. When the interrupt is en-
abled, the stack is not full and the external interrupt is
active, a subroutine call to location 04H will occur. The
interrupt request flag (EIF) and EMI bits will be cleared
to disable other interrupts.
The internal Timer/Event Counter 0 interrupt is initialized
by setting the Timer/Event Counter 0 interrupt request
flag (T0F; bit 5 of the INTC), caused by a timer 0 overflow.
When the interrupt is enabled, the stack is not full and the
T0F bit is set, a subroutine call to location 08H will occur.
The related interrupt request flag (T0F) will be reset and
the EMI bit cleared to disable further interrupts.
The internal timer/event counter 1 interrupt is initialized
by setting the Timer/Event Counter 1 interrupt request
flag (;bit 6 of the INTC), caused by a timer 1 overflow.
When the interrupt is enabled, the stack is not full and
the T1F is set, a subroutine call to location 0CH will oc-
cur. The related interrupt request flag (T1F) will be reset
and the EMI bit cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledge signals are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an in-
terrupt service, but RET will not.
Bit No.
Labels
Function
0C
C is set if an operation results in a carry during an addition operation or if a borrow does not
take place during a subtraction operation; otherwise C is cleared. C is also affected by a ro-
tate through carry instruction.
1AC
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from
the high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared.
3OV
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by a system power-up or executing the
²CLR WDT² instruction.
PDF is set by executing the
²HALT² instruction.
5TO
TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction.
TO is set by a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register


Similar Part No. - HT48R0AA-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT48R003 HOLTEK-HT48R003 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT48R0AA-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com