Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC175AN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC175AN
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC175AN Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC175AN Datasheet HTML 1Page - Texas Instruments SN75LBC175AN Datasheet HTML 2Page - Texas Instruments SN75LBC175AN Datasheet HTML 3Page - Texas Instruments SN75LBC175AN Datasheet HTML 4Page - Texas Instruments SN75LBC175AN Datasheet HTML 5Page - Texas Instruments SN75LBC175AN Datasheet HTML 6Page - Texas Instruments SN75LBC175AN Datasheet HTML 7Page - Texas Instruments SN75LBC175AN Datasheet HTML 8Page - Texas Instruments SN75LBC175AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN65LBC175A, SN75LBC175A
QUADRUPLE RS485 DIFFERENTIAL LINE RECEIVERS
SLLS455B − NOVEMBER 2000 − REVISED MARCH 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VID
VO
IO
VA
VB
Figure 1. Voltage and Current Definitions
A
B
Generator
50
Generator
50
Y
CL = 15 pF
(Includes Probe and
Jig Capacitance)
Generators: PRR = 1 MHz, 50% Duty Cycle,
tr <6 ns, Zo = 50 Ω
90%
90%
1.5 V
1.5 V
3 V
0 V
tPLH
tPHL
VOH
VOL
tr
tf
Input B
Input A
Output Y
10%
10%
1.5 V
Figure 2. Switching Test Circuit and Waveforms
A
B
Generator
50
Y
CL = 15 pF
1.5 V
1.5 V
3 V
0 V
tPZH
tPHZ
VOH
GND
VOH −0.5 V
1.5 V
1.5 V
1 k
VCC
Generators: PRR = 1 MHz, 50% Duty Cycle,
tr <6 ns, Zo = 50 Ω
EN
CL = 15 pF
(Includes Probe and
Jig Capacitance)
EN
Y
Figure 3. Test Circuit Waveforms, tPZH and tPHZ


Similar Part No. - SN75LBC175AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC175AN TI-SN75LBC175AN Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN75LBC175ANE4 TI-SN75LBC175ANE4 Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LBC175AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A_07 Datasheet
419Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A_08 Datasheet
572Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A_08 Datasheet
535Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com