Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1501CT-1.5 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS1501CT-1.5
Description  1.5A LOW DROPOUT VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1501CT-1.5 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS1501CT-1.5 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1501CT-1.5 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1501
APPLICATION HINTS
The AMS1501 is designed to make use of multiple power
supplies, existing in most systems, to reduce the dropout voltage.
One of the advantages of the two supply approach is maximizing
the efficiency.
The second supply is at least 1V greater than output voltage and is
providing the power for the control circuitry and supplies the drive
current to the NPN output transistor. This allows the NPN to be
driven into saturation; thereby reducing the dropout voltage by a
VBE compared to conventional designs. For the control voltage
the current requirement is small equal to about 1% of the output
current or approximately 15mA for a 1.5A load. Most of this
current is drive current for the NPN output transistor. This drive
current becomes part of the output current. The maximum voltage
on the Control pin is 13V. The maximum voltage at the Power pin
is 7V. Ground pin current for fixed voltage devices is typical 6mA
and is constant as a function of load. Adjust pin current for
adjustable devices is 60
µA at 25°C and varies proportional to
absolute temperature.
The improved frequency compensation of AMS1501 permits the
use of capacitors with very low ESR. This is critical in addressing
the needs of modern, low voltage high sped microprocessors.
Output voltage tolerances are tighter and include transient
response as part of the specification. Designed to meet the fast
current load step requirements, the AMS1501 also saves total cost
by needing less output capacitance to maintain regulation.
Careful design of the AMS1501 has eliminated any supply
sequencing issues associated with a dual supply system. The
output voltage will not turn on until both supplies are operating. If
the control voltage comes up first, the output current will be
limited to a few milliamperes until the power input voltage comes
up. If power input comes up first the output will not turn on at all
until the control voltage comes up. The output can never come up
unregulated. By tying the control and power inputs together the
AMS1501 can also be operated as a single supply device. In single
supply operation the dropout will be determined by the minimum
control voltage.
The new features of the AMS1501 require additional pins over the
traditional 3-terminal regulator. Both the fixed and adjustable
versions have remote sense pins, permitting very accurate
regulation of output voltage at the load, rather than at the
regulator. As a result, over an output current range of 100mA to
1.5A with a 2.5V output, the typical load regulation is less than
1mV. For the fixed voltages the adjust pin is brought out allowing
the user to improve transient response by bypassing the internal
resistor divider. Optimum transient response is provided using a
capacitor in the range of 0.1
µF to 1µF for bypassing the Adjust
pin. The value chosen will depend on the amount of output
capacitance in the system.
In addition to the enhancements mentioned, the reference accuracy
has been improved by a factor of two with a guaranteed initial
tolerance of
±0.6% at 25°C. This device can hold 1% accuracy
over the full temperature range and load current range,
guaranteed, when combined with ratiometrically accurate internal
divider resistors and operating with an input/output differential of
well under 1V.
Typical applications for the AMS1501 include 3.3V to 2.5V
conversion with a 5V control supply, 5V to 4.2V conversion with
a 12V control supply or 5V to3.6V conversion with a 12V control
supply. Capable of 1.5A of output current with a maximum
dropout of 0.8V the AMS1501 also has a fast transient response
that allows it to handle large current changes. The device is fully
protected against overcurrent and overtemperature conditions.
Grounding and Output Sensing
The AMS1501 allows true Kelvin sensing for both the high and
low side of the load. As a result the voltage regulation at he load
can be easily optimized. Voltage drops due to parasitic resistances
between the regulator and the load can be placed inside the
regulation loop of the AMS1501. The advantages of remote
sensing are illustrated in figures 1 through 3.
Figure 1 shows the device connected as a conventional 3 terminal
regulator with the Sense lead connected directly to the output of
the device. RP is the parasitic resistance of the connections
between the device and the load. Typically RP is made up of the
PC traces and /or connector resistances (in the case of a modular
regulator) between the regulator and the load. Trace A of figure 3
illustrates the effect of RP. Very small resistances cause
significant load regulation steps.
Figure 2 shows the device connected to take advantage of the
remote sense feature. The Sense pin and the top of the resistor
divider are connected to the top of the load; the bottom of the
resistor divider is connected to the bottom of the load. RP is now
connected inside the regulation loop of the AMS1501 and for
reasonable values of RP the load regulation at the load will be
negligible. The effect on output regulation can be seen in trace B
of figure 3.
CONTROL
POWER
SENSE
AMS1501
OUTPUT
ADJ
LOAD
+
-
V
OUT
R
P
R
P
R1
R2
5V
3.3V
Figure 1. Conventional Load Sensing


Similar Part No. - AMS1501CT-1.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1501CT-15 ADMOS-AMS1501CT-15 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1501CT-1.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
   1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
   1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
TPS75101-EP TI1-TPS75101-EP Datasheet
1Mb / 33P
[Old version datasheet]   FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com