Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2618SKTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2618SKTRT
Description  Miniature PWM Controller for Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2618SKTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC2618SKTRT Datasheet HTML 1Page - Semtech Corporation SC2618SKTRT Datasheet HTML 2Page - Semtech Corporation SC2618SKTRT Datasheet HTML 3Page - Semtech Corporation SC2618SKTRT Datasheet HTML 4Page - Semtech Corporation SC2618SKTRT Datasheet HTML 5Page - Semtech Corporation SC2618SKTRT Datasheet HTML 6Page - Semtech Corporation SC2618SKTRT Datasheet HTML 7Page - Semtech Corporation SC2618SKTRT Datasheet HTML 8Page - Semtech Corporation SC2618SKTRT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2618
Note: (1) 1 square inch of FR4, double sided, 1oz, minimum copper weight
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
C
C
VVCC
5
7
.
44
1V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
C
C
VIQVCC
V
C
C
V
,
V
0
.
5
=
F
E
R
V
,
V
0
=
B
F
V
m
0
0
1
=5
0
1A
m
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
C
C
VV
U VCC
0
.
42
.
45
.
4V
e
g
a
t
l
o
V
y
l
p
p
u
S
t
s
o
o
BVBST
9
2V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
t
s
o
o
BI
T
S
B
Q
V
B
F
V
0
0
2
.
1
=3
A
m
e
m
i
T
t
r
a
t
S
t
f
o
Ss
s
T0
0
1s
u
e
g
a
t
l
o
V
t
u
p
t
u
O
VO
IO
V
;
A
m
0
2
=
B
F
V
=
O
7
3
2
.
10
5
2
.
13
6
2
.
1
V
5
2
2
.
15
7
2
.
1
n
o
i
t
a
l
u
g
e
R
d
a
o
LIO
A
4
o
t
A
2
.
0
=1
%
n
o
i
t
a
l
u
g
e
R
e
n
i
L
5
.
0
±%
e
g
a
t
l
o
V
p
i
r
T
t
i
u
c
r
i
C
t
r
o
h
SVSCT
5
0
.
1V
e
m
i
T
F
F
O
/
N
O
m
u
m
i
n
i
MtDEL
1s
u
t
n
e
r
r
u
c
s
a
i
b
B
FIFB
VFB
V
5
2
.
1
=1
-A
u
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
H
D
k
a
e
P,
V
5
.
4
=
H
D
-
T
S
BV
5
.
3
=
D
N
G
-
H
D
V
5
.
1
=
D
N
G
-
H
D
5
.
0
0
5
A
A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
/
k
n
i
S
L
D
k
a
e
P,
V
5
.
4
=
L
D
-
T
S
BV
5
.
3
=
D
N
G
-
L
D
V
5
.
1
=
D
N
G
-
L
D
5
.
0
0
5
A
A
m
e
m
i
T
g
n
i
p
p
a
l
r
e
v
o
n
o
N
L
D
,
H
DC
D
A
O
L
V
2
=
L
D
/
H
D
t
a
d
e
r
u
s
a
e
M
;
F
p
0
0
0
1
=0
20
5s
n
Unless specified: V
CC = VIN = 5V,
V
BST = 12V,
V
FB = VO; TA = 25°C. Values in bold are over full operating temperature range.
Electrical Characteristics
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
n
IV
C
C
5
1V
e
g
a
t
l
o
V
y
l
p
p
u
S
t
s
o
o
BV
T
S
B
0
3V
e
g
a
t
l
o
V
B
FV
B
F
8V
D
N
G
o
t
L
DV
L
D
V
o
t
1
-
C
C
3
.
0
+V
D
N
G
o
t
H
DV
H
D
V
o
t
1
-
T
S
B
3
.
0
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
5
2
1
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
6
9
)
1
(
W
/
C
°
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
2
6W
/
C
°
)
l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
i
t
a
R
D
S
ED
S
E2
V
k
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device
reliability.


Similar Part No. - SC2618SKTRT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC261 MOTOROLA-SC261 Datasheet
94Kb / 2P
   Triacs Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
   Hermetic Triacs
SC261 NJSEMI-SC261 Datasheet
228Kb / 4P
   Hermetic Triacs
logo
VITALCONN ELECTRONICS H...
SC261 VITALCONN-SC261 Datasheet
437Kb / 3P
   SFP2*6 CAGECONN
logo
Semtech Corporation
SC2612 SEMTECH-SC2612 Datasheet
453Kb / 12P
   600kHz/200kHz Step-Down DC/DC Converter
More results

Similar Description - SC2618SKTRT

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8816 ANPEC-APW8816 Datasheet
565Kb / 26P
   Single Buck PWM Controller With Linear Regulator
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
logo
Diodes Incorporated
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com