Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC30WPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PC30WPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC30WPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4PC30WPBF Datasheet HTML 1Page - International Rectifier IRG4PC30WPBF Datasheet HTML 2Page - International Rectifier IRG4PC30WPBF Datasheet HTML 3Page - International Rectifier IRG4PC30WPBF Datasheet HTML 4Page - International Rectifier IRG4PC30WPBF Datasheet HTML 5Page - International Rectifier IRG4PC30WPBF Datasheet HTML 6Page - International Rectifier IRG4PC30WPBF Datasheet HTML 7Page - International Rectifier IRG4PC30WPBF Datasheet HTML 8Page - International Rectifier IRG4PC30WPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
23
IC @ TC = 100°C
Continuous Collector Current
12
A
ICM
Pulsed Collector Current 
92
ILM
Clamped Inductive Load Current ‚
92
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy ƒ
180
mJ
PD @ TC = 25°C
Maximum Power Dissipation
100
PD @ TC = 100°C
Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4PC30WPbF
INSULATED GATE BIPOLAR TRANSISTOR
PD - 94924
E
C
G
n-channel
TO-247AC
Features
• Designed expressly for Switch-Mode Power
Supply and PFC (power factor correction)
applications
• Industry-benchmark switching losses improve
efficiency of all power supply topologies
• 50% reduction of Eoff parameter
• Low IGBT conduction losses
• Latest-generation IGBT design and construction offers
tighter parameters distribution, exceptional reliability
• Lower switching losses allow more cost-effective
operation than power MOSFETs up to 150 kHz
("hard switched" mode)
• Of particular benefit to single-ended converters and
boost PFC topologies 150W and higher
• Low conduction losses and minimal minority-carrier
recombination make these an excellent option for
resonant mode switching as well (up to >>300 kHz)
Benefits
VCES=600V
VCE(on) max. = 2.70V
@VGE = 15V, IC = 12A
12/30/03
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.2
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
40
Wt
Weight
6 (0.21)
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
• Lead-Free


Similar Part No. - IRG4PC30WPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30WPBF IRF-IRG4PC30WPBF Datasheet
255Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30WPBF IRF-IRG4PC30WPBF_15 Datasheet
255Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC30WPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com