Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2646BTSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2646BTSTRT
Description  2, 3 or 4 Phase Combi-SenseTM PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2646BTSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC2646BTSTRT Datasheet HTML 1Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 2Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 3Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 4Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 5Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 6Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 7Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 8Page - Semtech Corporation SC2646BTSTRT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2646B
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
h
t
d
i
w
d
n
a
B
n
i
a
G
y
t
i
n
U
)
1
(
G
W
B
C
T
U
O
R
R
E
F
p
0
1
=5
z
H
M
t
n
e
r
r
u
C
e
c
r
u
o
SV G
B
V
,
V
8
.
1
>
B
F
V
,
V
0
=
T
U
O
R
R
E
V
8
.
0
=0
60
80
9A
u
t
n
e
r
r
u
C
k
n
i
SV G
B
V
,
V
1
>
B
F
V
,
V
2
=
T
U
O
R
R
E
V
2
=0
9
-0
8
-0
6
-A
u
n
i
a
G
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
TG
M
2
6
.
02
8
.
03
0
.
1V
/
A
m
s
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
e
g
a
tl
o
V
t
e
s
f
f
O
t
u
p
n
IV
O
I
3
-
/
+V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
II
M
0
5A
n
n
i
a
GG
a
c
5
4
.
2
1V
/
V
R
R
M
C
)
1
(
V
3
o
t
00
8B
d
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
3
.
0
-3
V
h
c
t
a
M
n
i
a
G
56
%
h
t
d
i
w
d
n
a
B
)
1
(
6z
H
M
r
e
i
f
i
l
p
m
A
p
o
o
r
D
n
i
a
GA
P
R
D
V
E
S
N
E
S
M
V
-
N
E
S
T
U
O
V
m
0
2
=1
.
1
17
.
1
13
.
2
1V
/
V
s
D
I
V
h
g
i
H
c
i
g
o
L
]
5
:
0
D
I
V
[8
.
0V
w
o
L
c
i
g
o
L
]
5
:
0
D
I
V
[4
.
0V
e
c
n
a
d
e
p
m
I
p
u
-
ll
u
P
l
a
n
r
e
t
n
I
)
1
(
]
4
:
0
D
I
V
[6
2m
h
o
K
e
g
a
tl
o
V
p
u
-
ll
u
P
l
a
n
r
e
t
n
I
)
1
(
]
4
:
0
D
I
V
[4
.
1V
n
o
i
t
a
r
e
p
O
e
s
a
h
P
-
3
d
l
o
h
s
e
r
h
T
p
u
ll
u
p
4
t
u
p
t
u
O
8
8
.
30
.
45
.
4V
d
o
o
G
r
e
w
o
P
g
n
i
s
i
R
d
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P
-
D
I
V0
0
1V
m
g
n
il
l
a
F
d
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P
-
D
I
V0
5
2V
m
y
a
l
e
D
d
o
o
G
r
e
w
o
P
)
1
(
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
s
s
o
r
C
m
o
r
F0
.
45
5
.
6S
m
e
g
a
k
a
e
L
h
g
i
H
t
u
p
t
u
O
V
=
d
o
o
g
r
w
P
C
C
0
6A
n
l
e
v
e
L
w
o
L
e
g
a
tl
o
V
t
u
p
t
u
O
A
m
1
=
t
n
e
r
r
u
C
k
n
i
S8
4
.
05
.
0V
n
o
i
t
c
e
S
t
i
m
i
L
t
n
e
r
r
u
C
t
i
m
i
L
t
n
e
r
r
u
C
r
o
f
e
g
a
tl
o
V
p
m
A
r
o
r
r
E
.
x
a
MV
C
O
5
4
.
33
6
.
31
8
.
3V
e
g
a
tl
o
V
n
w
o
d
t
u
h
SV
D
S
d
l
o
h
s
e
r
h
T
n
w
o
D
t
u
h
S
-
D
I
V0
8
10
1
20
8
2V
m
Note:
(1). Guaranteed by design, not tested in production.
(2). This device is ESD sensitive. Use of standard ESD handling precautions is required.
Unless specified: V
CC = 12V, FOSC = 600kHz, 4 phase operation, VOUT = 1.28V, TA = 27
oC. See Typical Application Circuit. Specifications subject to change without


Similar Part No. - SC2646BTSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2646BTSTRT SEMTECH-SC2646BTSTRT Datasheet
168Kb / 9P
   2, 3 or 4 Phase Combi-Sense PWM Controller
More results

Similar Description - SC2646BTSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2646B SEMTECH-SC2646B Datasheet
168Kb / 9P
   2, 3 or 4 Phase Combi-Sense PWM Controller
logo
Infineon Technologies A...
ICE1CS02 INFINEON-ICE1CS02 Datasheet
444Kb / 27P
   Combi PFC/ PWM Controller
Version 1.0, 25 July 2008
logo
Semtech Corporation
SC1214 SEMTECH-SC1214 Datasheet
169Kb / 8P
   High Speed, Combi-SenseTM Two-Phase, Synchronous MOSFET Driver
logo
ELMOS Semiconductor AG
E523.40 ELMOS-E523.40 Datasheet
689Kb / 15P
   3-PHASE STEPPER OR BLDC MOTOR CONTROLLER WITH LIN 2.x or PWM
logo
uPI Group Inc.
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
   3/2/12/1-Phase PWM Controller
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
   3/2/12/1-Phase PWM Controller
logo
ON Semiconductor
NCP5395T ONSEMI-NCP5395T_13 Datasheet
256Kb / 25P
   2/3/4-Phase Controller
July, 2013 ??Rev. 1
logo
Richtek Technology Corp...
RT8889D RICHTEK-RT8889D Datasheet
611Kb / 44P
   3-Phase PWM Controller
logo
uPI Group Inc.
UP1651 UPI-UP1651 Datasheet
318Kb / 21P
   1/2/3/4-Phase PWM Controller with SVID for VR12.5
UP1664 UPI-UP1664 Datasheet
408Kb / 31P
   2-Phase 1-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com