Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75976A1DGGRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75976A1DGGRG4
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75976A1DGGRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75976A1DGGRG4 Datasheet HTML 2Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 3Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 4Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 5Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 6Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 7Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 8Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 9Page - Texas Instruments SN75976A1DGGRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
SN75976A, SN55976A
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS218B – MAY 1995 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bus voltage range
– 10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Data I/O and control (A side) voltage range
– 0.3 V to VCC +0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: B side and GND, Class 3, A: (see Note 2)
12 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
B side and GND, Class 3, B: (see Note 2)
400 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All terminals, Class 3, A:
4 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All terminals, Class 3, B:
400 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 3)
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the GND terminals.
2. This absolute maximum rating is tested in accordance with MIL-PRF-38535, Method 3015.7.
3. The maximum operating junction temperature is internally limited. Use the Dissipation Rating Table to operate below this
temperature.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
OPERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
DGG
2500 mW
20 mW/
°C
1600 mW
DL
2500 mW
20 mW/
°C
1600 mW
WD
1300 mW
10.5 mW/
°C
827 mW
250 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
package thermal characteristics
MIN
NOM
MAX
UNIT
Junction to ambient thermal resistance R
θJA
DGG, board-mounted, no air flow
50
°C/W
Junction-to-ambient thermal resistance, R
θJA
DL, board-mounted, no air flow
50
°C/W
Junction-to-ambient thermal resistance, R
θJA
WD
95.4
°C/W
Junction to case thermal resistance R
θJC
DGG
27
°C/W
Junction-to-case thermal resistance, R
θJC
DL
12
°C/W
Junction-to-case thermal resistance, R
θJC
WD
5.67
°C/W
Thermal-shutdown junction temperature, TJS
165
°C


Similar Part No. - SN75976A1DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A1DGGRG4 TI-SN75976A1DGGRG4 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A1DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com